Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL1750T Datasheet HTML 1Page - NXP Semiconductors SSL1750T Datasheet HTML 2Page - NXP Semiconductors SSL1750T Datasheet HTML 3Page - NXP Semiconductors SSL1750T Datasheet HTML 4Page - NXP Semiconductors SSL1750T Datasheet HTML 5Page - NXP Semiconductors SSL1750T Datasheet HTML 6Page - NXP Semiconductors SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The SSL1750 is a Switched Mode Power Supply (SMPS) controller IC, suitable for driving
LED applications from 25 W up to 250 W. For LED power requirements below 25 W the
SSL152x family and SSL1623PH are the best choice.
The SSL1750 combines a controller for Power Factor Correction (PFC) and a flyback
controller. Its high level of integration allows the design of a cost-effective LED power
supply with a very low number of external components.
The special built-in green functions provide high efficiency at all power levels. This applies
to quasi-resonant operation at high power levels, quasi-resonant operation with valley
skipping, as well as to reduced frequency operation at lower power levels. At low power
levels, the PFC switches over to burst mode control to maintain high efficiency. In burst
mode, soft-start and soft-stop functions are added to eliminate audible noise.
During low power conditions, the flyback controller switches to frequency reduction mode
and limits the peak current to 25 % of its maximum value. This will ensure high efficiency
at low power while minimizing audible noise from the transformer.
The proprietary high voltage BCD800 process makes direct start-up possible from the
rectified universal mains voltage in an effective and green way. A second low voltage
Silicon On Insulator (SOI) IC is used for accurate, high speed protection functions and
control.
The SSL1750 enables highly efficient and reliable LED drivers with power requirements of
up to 250 W to be designed easily and with the minimum number of external components.
2.
Features
2.1 Distinctive features
I Integrated PFC and flyback controller
I Universal mains supply operation (70 V to 276 V (AC))
I High level of integration resulting in a very low external component count and a cost
effective design
2.2 Green features
I On-chip start-up current source
2.3 PFC green features
I Valley/zero voltage switching for minimum switching losses (patented)
SSL1750
SMPS control IC for LED drivers
Rev. 01 — 15 September 2008
Product data sheet


Similar Part No. - SSL1750T

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SSL17A SS-SSL17A Datasheet
162Kb / 3P
200 Watt, Uni-Directional TVS Diode
Rev 1.0 02/12/24
More results

Similar Description - SSL1750T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
GreenChip SMPS control IC
2002 Aug 23
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
GreenChip SMPS control IC
Rev. 2-14 January 2011
SSL1623PH NXP-SSL1623PH_V01 Datasheet
159Kb / 18P
SMPS IC for mains LED drivers
Rev.02-13 September 2010
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com