Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SSL1750T Datasheet HTML 12Page - NXP Semiconductors SSL1750T Datasheet HTML 13Page - NXP Semiconductors SSL1750T Datasheet HTML 14Page - NXP Semiconductors SSL1750T Datasheet HTML 15Page - NXP Semiconductors SSL1750T Datasheet HTML 16Page - NXP Semiconductors SSL1750T Datasheet HTML 17Page - NXP Semiconductors SSL1750T Datasheet HTML 18Page - NXP Semiconductors SSL1750T Datasheet HTML 19Page - NXP Semiconductors SSL1750T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
16 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
The driver output is latched in the logic, preventing multiple switch-on.
7.3.4 Demagnetization (pin FBAUX)
The system is always in quasi-resonant or discontinuous conduction mode. The internal
oscillator does not start a new primary stroke until the previous secondary stroke has
ended.
Demagnetization features a cycle-by-cycle output short circuit protection by immediately
lowering the frequency (longer off-time), thereby reducing the power level.
Demagnetization recognition is suppressed during the first tsup(xfmr_ring) time (2 µs typ).
This suppression may be necessary at low output voltages and at start-up and in
applications where the transformer has a large leakage inductance.
If pin FBAUX is open-circuit or not connected, a fault condition is assumed and the
converter stops operating immediately. Operation restarts as soon as the fault condition is
removed.
7.3.5 Flyback control / time-out (pin FBCTRL)
Pin FBCTRL is connected to an internal voltage source of 3.5 V via an internal resistor
(typical resistance is 3 k
Ω). As soon as the voltage on this pin is above 2.5 V (typ), this
connection is disabled. Above 2.5 V the pin is biased with a small current. When the
voltage on this pin rises above 4.5 V (typ), a fault is assumed and switching is inhibited.
When a small capacitor is connected to this pin, a time-out function can be created to
protect against an open control loop situation (see Figure 12 and Figure 13). The time-out
function can be disabled by connecting a resistor (100 k
Ω) to ground on pin FBCTRL.
If the pin is shorted to ground, switching of the flyback controller is inhibited.
In normal operating conditions, when the converter is regulating the output, the voltage on
pin FBCTRL is between 1.4 V and 2.0 V (typical values) from minimum to maximum
output power.
Fig 11. Frequency control of flyback part
Vsense(fb)max
VFBCTRL
1.5 V
2.0 V
0.52 V
flyback
frequency
reduction
PFC burst mode
FBSENSE peak voltage
014aaa028
PFC on
flyback
discontinuous
or QR
flyback
cycle skip
mode
1.4 V
0.13 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com