Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL1750T Datasheet HTML 3Page - NXP Semiconductors SSL1750T Datasheet HTML 4Page - NXP Semiconductors SSL1750T Datasheet HTML 5Page - NXP Semiconductors SSL1750T Datasheet HTML 6Page - NXP Semiconductors SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors SSL1750T Datasheet HTML 10Page - NXP Semiconductors SSL1750T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
7 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
As soon as the flyback converter is started, the voltage on pin FBCTRL is monitored. If the
output voltage of the flyback converter does not reach its intended regulation level in a
predefined time, the voltage on pin FBCTRL reaches the Vto(FBCTRL) level and an error is
assumed. The SSL1750 then initiates a safe restart.
When one of the protection functions is activated, both converters stop switching and the
VCC voltage drops to Vth(UVLO). A latched protection recharges the VCC capacitor via pin
HV, but does not restart the converters. For a safe restart protection, the capacitor is
recharged via pin HV and the device restarts (see Figure 1).
In the event of an overvoltage protection of the PFC circuit
(VI on pin VOSENSE > Vovp(VOSENSE)), only the PFC controller stops switching until the
voltage on pin VOSENSE drops below Vovp(VOSENSE) again. Also, if a mains undervoltage
is detected (VI on pin VINSENSE < Vstop(VINSENSE)), only the PFC controller stops
switching until VI on pin VINSENSE > Vstart(VINSENSE) again.
When the voltage on pin VCC drops below the undervoltage lockout level, both controllers
stop switching and reenter the safe restart mode. In the safe restart mode the driver
outputs are disabled and pin VCC voltage is recharged via pin HV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com