Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSL1750T Datasheet HTML 4Page - NXP Semiconductors SSL1750T Datasheet HTML 5Page - NXP Semiconductors SSL1750T Datasheet HTML 6Page - NXP Semiconductors SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors SSL1750T Datasheet HTML 10Page - NXP Semiconductors SSL1750T Datasheet HTML 11Page - NXP Semiconductors SSL1750T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
8 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.1.2 Supply management
All internal reference voltages are derived from a temperature compensated and trimmed
on-chip band gap circuit. Internal reference currents are derived from a temperature
compensated and trimmed on-chip current reference circuit.
7.1.3 Latch input
The pin LATCH is a general purpose input pin, which can be used to switch off both
converters. The pin sources a current, IO(LATCH) on the pin LATCH (typical 80 µA).
Switching of both converters is stopped as soon as the voltage on this pin drops below
1.25 V.
At initial start-up switching is inhibited until the voltage on pin LATCH is above
1.35 V (typ). No internal filtering is done on this pin. An internal Zener clamp of 2.7 V (typ)
protects this pin from excessive voltages.
Fig 5.
Start-up sequence, normal operation, and restart sequence
IHV
VCC
LATCH
PROTECTION
PFCSENSE
PFCDRIVER
FBSENSE
FBDRIVER
FBCTRL
VOSENSE
Vout
CHARGING VCC
CAPACITOR
STARTING
CONVERTERS
NORMAL
OPERATION
PROTECTION
RESTART
soft start
soft start
VINSENSE
Vstartup
Vth(UVLO)
Vtrip
Ven(LATCH)
Vto(FBCTRL)
Vstart(fb)
Vstart(VINSENSE)
014aaa060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com