Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL1750T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL1750T
Description  SMPS control IC for LED drivers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL1750T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL1750T Datasheet HTML 7Page - NXP Semiconductors SSL1750T Datasheet HTML 8Page - NXP Semiconductors SSL1750T Datasheet HTML 9Page - NXP Semiconductors SSL1750T Datasheet HTML 10Page - NXP Semiconductors SSL1750T Datasheet HTML 11Page - NXP Semiconductors SSL1750T Datasheet HTML 12Page - NXP Semiconductors SSL1750T Datasheet HTML 13Page - NXP Semiconductors SSL1750T Datasheet HTML 14Page - NXP Semiconductors SSL1750T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SSL1750_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2008
11 of 29
NXP Semiconductors
SSL1750
SMPS control IC for LED drivers
7.2.6 Burst mode control
When the output power of the flyback converter (see Section 7.3) is low, the flyback
converter switches over to frequency reduction mode. When frequency reduction mode is
entered by the flyback controller, the power factor correction circuit switches to burst mode
control.
In burst mode control, switching of the power factor correction circuit is inhibited until the
voltage on pin VOSENSE has dropped to Vburst(L). Switching then restarts with a soft-start
to avoid audible noise (see Section 7.2.5). As soon as the voltage on pin VOSENSE
reaches Vburst(H) the soft-stop circuit is activated, again to avoid audible noise. During the
soft-stop time the output voltage of the power factor correction circuit overshoots,
depending on the soft-start resistor and capacitor, RSS1 and CSS1 on pin PFCSENSE. As
the Vburst(H) voltage is well below the Vreg(VOSENSE) voltage, the PFC output voltage does
not reach the normal operation output voltage of the power factor correction circuit in a
typical application due to this overshoot.
The burst mode repetition rate is defined by the output power and the value of the bus
capacitor, Cbus.
During burst mode operation pin PFCCOMP is clamped between a voltage of 2.7 V (typ)
and 3.9 V (typ). The lower clamp voltage limits the maximum power that is delivered
during burst mode operation and yields a more sinusoidal input current during the burst
pulse. The upper clamp voltage ensures that the PFC can return to its normal regulation
point in a limited amount of time when returning from burst mode.
As soon as the flyback converter leaves frequency reduction mode, the power factor
correction circuit restores normal operation. To prevent continuous on and off switching of
the PFC circuit, a small hysteresis has been built in (50 mV (typ) on pin FBCTRL).
Fig 6.
Soft start-up and soft-stop of PFC
SOFT START
SOFT STOP
CONTROL
OCP
+
11
PFCSENSE
0.5 V
Istart(soft)PFC
≤ 60 µA
S1
RSS1
CSS1
RSENSE1
014aaa018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com