Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845A Datasheet(PDF) 8 Page - STMicroelectronics

Part # UC3845A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3845A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UC3845A Datasheet HTML 4Page - STMicroelectronics UC3845A Datasheet HTML 5Page - STMicroelectronics UC3845A Datasheet HTML 6Page - STMicroelectronics UC3845A Datasheet HTML 7Page - STMicroelectronics UC3845A Datasheet HTML 8Page - STMicroelectronics UC3845A Datasheet HTML 9Page - STMicroelectronics UC3845A Datasheet HTML 10Page - STMicroelectronics UC3845A Datasheet HTML 11Page - STMicroelectronics UC3845A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Figure 14 : Error Amp Configuration.
Zi
Zf
1mA
2
1
VFB
COMP
2.5V
D95IN345
+
-
Figure 15 : Under Voltage Lockout.
UC3842A
UC3844A
UC3843A
UC3845A
16V
8.4V
10V
7.6V
VON
VOFF
Vi
ON/OFF COMMAND
TO REST OF IC
7
<0.5mA
<17mA
ICC
VCC
VOFF VON
Fig.15-UC3842A
Figure 16 : Current Sense Circuit .
ERROR
AMPL.
2R
R1V
CURRENT
SENSE
COMPARATOR
1
CURRENT
SENSE
COMP
C
RS
R
3
5
GND
IS
D95IN347
Peak current (is) is determined by the formula
1.0 V
IS max
≈
RS
A small RC filter may be required to suppress switch transients.
UC2842A/3A/4A/5A - UC3842A/3A/4A/5A
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com