Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845A Datasheet(PDF) 1 Page - STMicroelectronics

Part # UC3845A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3845A Datasheet(HTML) 1 Page - STMicroelectronics

  UC3845A Datasheet HTML 1Page - STMicroelectronics UC3845A Datasheet HTML 2Page - STMicroelectronics UC3845A Datasheet HTML 3Page - STMicroelectronics UC3845A Datasheet HTML 4Page - STMicroelectronics UC3845A Datasheet HTML 5Page - STMicroelectronics UC3845A Datasheet HTML 6Page - STMicroelectronics UC3845A Datasheet HTML 7Page - STMicroelectronics UC3845A Datasheet HTML 8Page - STMicroelectronics UC3845A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
March 1999
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
.
TRIMMED OSCILLATOR DISCHARGE CUR-
RENT
.
CURRENT MODE OPERATION TO 500kHz
.
AUTOMATIC FEED FORWARD COMPENSA-
TION
.
LATCHING PWM FOR CYCLE-BY-CYCLE
CURRENT LIMITING
.
INTERNALLY TRIMMED REFERENCE WITH
UNDERVOLTAGE LOCKOUT
.
HIGH CURRENT TOTEM POLE OUTPUT
.
UNDERVOLTAGE LOCKOUT WITH HYSTER-
ESIS
.
LOW START-UP CURRENT (< 0.5mA)
.
DOUBLE PULSE SUPPRESSION
DESCRIPTION
The UC384xA family of control ICs provides the nec-
essary features to implement off-line or DC to DC
fixed frequency current mode control schemes with
a minimal external parts count. Internally imple-
mented circuits include a trimmed oscillator for pre-
cise DUTY CYCLE CONTROL under voltage lock-
outfeaturingstart-up current less than0.5mA,a pre-
cision reference trimmed for accuracy at the error
amp input, logic to insure latched operation, a PWM
comparatorwhich alsoprovidescurrent limit control,
and a totem pole output stage designed to source
or sink high peakcurrent. The output stage, suitable
for driving N-Channel MOSFETs, is low in the off-
state.
Differences between members of this family are the
under-voltagelockout thresholds and maximum duty
cycle ranges. The UC3842A and UC3844A have
UVLO thresholds of 16V (on) and 10V (off), ideally
suitedoff-lineapplicationsThecorrespondingthresh-
olds for the UC3843A and UC3845A are 8.5 V and
7.9V. The UC3842A and UC3843A can operate to
dutycycles approaching100%.A range of the zeroto
< 50 % is obtainedby theUC3844Aand UC3845Aby
the addition of an internal toggle flip flop which blanks
the output off every other clock cycle.
BLOCK DIAGRAM (toggle flip flop used only in UC3844A and UC3845A)
UVLO
S/R
5V
REF
34V
INTERNAL
BIAS
VREF GOOD
LOGIC
2.50V
T
S
R
OSC
R1V
CURRENT
SENSE
COMPARATOR
2R
+
-
PWM
LATCH
7
5
4
2
1
3
8
6
ERROR AMP.
Vi
GROUND
RT/CT
VFB
COMP
CURRENT
SENSE
VREF
5V 50mA
OUTPUT
D95IN331
Mini dip
®
SO8
UC3842A
1/15


Similar Part No. - UC3845A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3845A STMICROELECTRONICS-UC3845A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
logo
Texas Instruments
UC3845A TI-UC3845A Datasheet
517Kb / 11P
Current Mode PWM Controller
logo
Microsemi Corporation
UC3845A MICROSEMI-UC3845A Datasheet
227Kb / 8P
CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC3845A TI-UC3845A Datasheet
517Kb / 7P
Current Mode PWM Controller
logo
First Components Intern...
UC3845A FCI-UC3845A Datasheet
254Kb / 6P
High Performance Current Mode Controller
More results

Similar Description - UC3845A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com