Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845A Datasheet(PDF) 4 Page - STMicroelectronics

Part # UC3845A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3845A Datasheet(HTML) 4 Page - STMicroelectronics

  UC3845A Datasheet HTML 1Page - STMicroelectronics UC3845A Datasheet HTML 2Page - STMicroelectronics UC3845A Datasheet HTML 3Page - STMicroelectronics UC3845A Datasheet HTML 4Page - STMicroelectronics UC3845A Datasheet HTML 5Page - STMicroelectronics UC3845A Datasheet HTML 6Page - STMicroelectronics UC3845A Datasheet HTML 7Page - STMicroelectronics UC3845A Datasheet HTML 8Page - STMicroelectronics UC3845A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Notes :
1. Max package power dissipation limits must be respected; low duty cycle pulse techniques are used during test maintain Tj as
close to Tamb as possible.
2. These parameters, although guaranteed, are not 100% tested in production.
3. Parameter measured at trip point of latch with V PIN2 =0.
4. Gain defined as :
∆ VPIN1
A=
; 0
≤ VPIN3 ≤ 0.8 V
∆ VPIN3
5. Adjust Vi above the start threshold before setting at 15 V.
ELECTRICAL CHARACTERISTICS (continued)
Symbo l
Parameter
T est Cond iti ons
UC284XA
UC384XA
Un it
Min. Typ. Max. Mi n. Typ. Max.
OUTPUT SECTION
VOL
Output Low Level
ISINK = 20mA
0.1
0.4
0.1
0.4
V
ISINK = 200mA
1.6
2.2
1.6
2.2
V
VOH
Output High Level
ISOURCE = 20mA
13
13.5
13
13.5
V
ISOURCE = 200mA
12
13.5
12
13.5
V
VOLS
UVLO Saturation
VCC = 6V; ISINK = 1mA
0.7
1.2
0.7
1.2
V
tr
Rise Time
Tj =25
°CCL = 1nF (2)
50
150
50
150
ns
tf
Fall Time
Tj =25
°CCL = 1nF (2)
50
150
50
150
ns
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold
X842A/4A
15
16
17
14.5
16
17.5
V
X843A/5A
7.8
8.4
9.0
7.8
8.4
9.0
V
Min Operating Voltage
After Turn-on
X842A/4A
9
10
11
8.5
10
11.5
V
X843A/5A
7.0
7.6
8.2
7.0
7.6
8.2
V
PWM SECTION
Maximum Duty Cycle
X842A/3A
94
96
100
94
96
100
%
X844A/5A
47
48
50
47
48
50
%
Minimum Duty Cycle
0
0
%
TOTAL STANDBY CURRENT
Ist
Start-up Current
Vi = 6.5V for UCX843A/45A
0.3
0.5
0.3
0.5
mA
Vi = 14V for UCX842A/44A
0.3
0.5
0.3
0.5
mA
Ii
Operating Supply Current
VPIN2 =VPIN3 =0V
12
17
12
17
mA
Viz
Zener Voltage
Ii = 25mA
30
36
30
36
V
UC2842A/3A/4A/5A - UC3842A/3A/4A/5A
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com