Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845A Datasheet(PDF) 10 Page - STMicroelectronics

Part # UC3845A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3845A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UC3845A Datasheet HTML 6Page - STMicroelectronics UC3845A Datasheet HTML 7Page - STMicroelectronics UC3845A Datasheet HTML 8Page - STMicroelectronics UC3845A Datasheet HTML 9Page - STMicroelectronics UC3845A Datasheet HTML 10Page - STMicroelectronics UC3845A Datasheet HTML 11Page - STMicroelectronics UC3845A Datasheet HTML 12Page - STMicroelectronics UC3845A Datasheet HTML 13Page - STMicroelectronics UC3845A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Figure 19 : Latched Shutdown.
D95IN350
BIAS
+
-
EA
R
+
OSC
2N
3905
2N
3903
1mA
R
R
2R
1
2
8
4
SCR must be selected for a holding current of less than 0.5mA at TA(min).
The simple two transistor circuit can be used in place of the SCR as shown. All resistors are 10K.
5
D95IN351
+
-
EA
Ri
+
1mA
Rd
R
2R
5
Cf
Rf
1
2
From VO
2.5V
+
-
EA
RP
+
1mA
Rd
R
2R
5
Cf
Rf
1
2
From VO
2.5V
Error Amp compensation circuit for stabilizing any current-mode topology except
for boost and flyback converters operating with continuous inductor current.
CP
Ri
Error Amp compensation circuit for stabilizing current-mode boost and flyback
topologies operating with continuous inductor current.
Figure 20: Error Amplifier Compensation
UC2842A/3A/4A/5A - UC3842A/3A/4A/5A
10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com