Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845A Datasheet(PDF) 6 Page - STMicroelectronics

Part # UC3845A
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3845A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UC3845A Datasheet HTML 2Page - STMicroelectronics UC3845A Datasheet HTML 3Page - STMicroelectronics UC3845A Datasheet HTML 4Page - STMicroelectronics UC3845A Datasheet HTML 5Page - STMicroelectronics UC3845A Datasheet HTML 6Page - STMicroelectronics UC3845A Datasheet HTML 7Page - STMicroelectronics UC3845A Datasheet HTML 8Page - STMicroelectronics UC3845A Datasheet HTML 9Page - STMicroelectronics UC3845A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
-55
-25
0
25
50
75
100 TA(°C)
7.0
7.5
8.0
8.5
Idischg
(mA)
D95IN335
Vi=15V
VOSC=2V
Figure 4: Oscillator Discharge Current vs. Tem-
perature.
10
100
1K
10K
100K
1M
f(Hz)
-20
0
20
40
60
80
(dB)
180
150
120
90
60
30
φ
D95IN337
Vi=15V
VO=2V to 4V
RL=100K
TA=25°C
Gain
Phase
Figure 5: Error Amp Open-Loop Gain and
Phase vs. Frequency.
02
46
VO(V)
0.0
0.2
0.4
0.6
0.8
1.0
Vth
(V)
D95IN338
Vi=15V
TA=-40°C
TA=125°C
TA=25°C
Figure 6: Current Sense Input Threshold vs. Er-
ror Amp Output Voltage.
0
2040
6080
100 Iref(mA)
D95IN339
0
10
20
30
40
50
60
Vi=15V
TA=-40°C
TA=125°C
Figure 7: Reference Voltage Change vs.
Source Current.
-55
-25
0
25
50
75
100 TA(°C)
D95IN340
50
60
70
80
90
100
ISC
(mA)
Vi=15V
RL≤0.1Ω
Figure 8: Reference Short Circuit Current vs.
Temperature.
UC2842A/3A/4A/5A - UC3842A/3A/4A/5A
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com