Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3845A Datasheet (PDF) - STMicroelectronics

UC3845A Datasheet PDF - STMicroelectronics
Part # UC3845A
Download  UC3845A Download
File Size   129.23 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER

UC3845A Datasheet (PDF)

Go To PDF Page Download Datasheet
UC3845A Datasheet PDF - STMicroelectronics

Part # UC3845A
Download  UC3845A Click to download

File Size   129.23 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER

UC3845A Datasheet (HTML) - STMicroelectronics


UC3845A Product details

DESCRIPTION
The UC384xA family of control ICs provides the necessary features to implement off-line or DC to DC fixed frequencycurrent mode control schemes with a minimal external parts count. Internally implemented circuits includea trimmed oscillator for precise DUTY CYCLE CONTROL under voltage lock out featuring start-up current less than0.5mA,a precision reference trimmed for accuracy at the error amp input,logic to in sure latched operation,a PWM comparator which also provides current limit control, and a totem pole output stage designed to source or sink high peakcurrent.The output stage,suitable
for driving N-Channel MOSFETs, is low in the off state.

. TRIMMED OSCILLATOR DISCHARGE CURRENT
. CURRENT MODE OPERATION TO 500kHz
. AUTOMATIC FEED FORWARD COMPENSATION
. LATCHING PWM FOR CYCLE-BY-CYCLECURRENT LIMITING
. INTERNALLY TRIMMED REFERENCE WITH UNDERVOLTAGE LOCKOUT
. HIGH CURRENT TOTEM POLE OUTPUT
. UNDERVOLTAGE LOCKOUT WITH HYSTERESIS
. LOW START-UP CURRENT (< 0.5mA)
. DOUBLE PULSE SUPPRESSION




Similar Part No. - UC3845A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3845A STMICROELECTRONICS-UC3845A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
logo
Texas Instruments
UC3845A TI-UC3845A Datasheet
517Kb / 11P
Current Mode PWM Controller
logo
Microsemi Corporation
UC3845A MICROSEMI-UC3845A Datasheet
227Kb / 8P
CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC3845A TI-UC3845A Datasheet
517Kb / 7P
Current Mode PWM Controller
logo
First Components Intern...
UC3845A FCI-UC3845A Datasheet
254Kb / 6P
High Performance Current Mode Controller
More results


Similar Description - UC3845A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
May-2004
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Sep-2001
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
Mar-1999
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com