Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 28Page - Texas Instruments CDCE62005 Datasheet HTML 29Page - Texas Instruments CDCE62005 Datasheet HTML 30Page - Texas Instruments CDCE62005 Datasheet HTML 31Page - Texas Instruments CDCE62005 Datasheet HTML 32Page - Texas Instruments CDCE62005 Datasheet HTML 33Page - Texas Instruments CDCE62005 Datasheet HTML 34Page - Texas Instruments CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Device Registers: Register 5
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Table 10. CDCE62005 Register 5 Bit Definitions
SPI
RAM
BIT NAME
RELATED
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
0
A0
Address 0
1
1
A1
Address 1
0
2
A2
Address 2
1
3
A3
Address 3
0
Input Buffer Select (LVPECL,LVDS or LVCMOS)
4
0
INBUFSELX
INBUFSELX
EEPROM
XY(01 ) LVPECL, (11) LVDS, (00) LVCMOS- Input is Positive Pin
5
1
INBUFSELY
INBUFSELY
EEPROM
6
2
PRISEL
WHEN EECLKSEL = 1;
EEPROM
Bit (6,7,8) 100 – PRISEL, 010 – SECSEL , 001 – AUXSEL
7
3
SECSEL
EEPROM
110 – Auto Select ( PRI then SEC)
Smart MUX
111 – Auto Select ( PRI then SEC and then AUX)
8
4
AUXSEL
EEPROM
When EECLKSEL = 0, REF_SEL pin determines the Reference Input to the Smart Mux
circuitry.
If EEPROM Clock Select Input is set to “1” The Clock selections follows internal EEPROM
9
5
EECLKSEL
Smart MUX
settings and ignores REF_SEL Pin status, when Set to “0” REF_SEL is used to control
EEPROM
the Mux, Auto Select Function is not available and AUXSEL is not available.
10
6
ACDCSEL
Input Buffers
If Set to “1” DC Termination, If set to “0” AC Termination
EEPROM
Input Buffers
If Set to “1” Input Buffers Hysteresis Enabled. It is not recommended that Hysteresis be
7
HYSTEN
EEPROM
11
disabled.
If Set to “0” Primary Input Buffer Internal Termination Enabled
12
8
PRI_TERMSEL
Input Buffers
EEPROM
If set to “1” Primary Internal Termination circuitry Disabled
13
9
PRIINVBB
Input Buffers
If Set to “1” Primary Input Negative Pin Biased with Internal VBB Voltage.
EEPROM
14
10
SECINVBB
Input Buffers
If Set to “1” Secondary Input Negative Pin Biased with Internal VBB Voltage
EEPROM
If Set to “1” Fail Safe is Enabled for all Input Buffers configured as LVDS, DC Coupling
15
11
FAILSAFE
Input Buffers
EEPROM
only.
16
12
RESERVED
Must be set to “0”
EEPROM
17
13
RESERVED
--------
Must be set to “0”
EEPROM
18
14
SELINDIV0
VCO Core
EEPROM
19
15
SELINDIV1
VCO Core
EEPROM
20
16
SELINDIV2
VCO Core
EEPROM
21
17
SELINDIV3
VCO Core
EEPROM
INPUT DIVIDER Settings
22
18
SELINDIV4
VCO Core
EEPROM
23
19
SELINDIV5
VCO Core
EEPROM
24
20
SELINDIV6
VCO Core
EEPROM
25
21
SELINDIV7
VCO Core
EEPROM
26
22
LOCKW(0)
PLL Lock
LOCKW(3:0): Lock-detect Window Width
EEPROM
= 0000 (narrow window),
27
23
LOCKW(1)
EEPROM
= 0001,0010,0100,0101 …..
28
24
LOCKW(2)
EEPROM
= 1110 (widest window)
29
25
LOCKW(3)
EEPROM
= XX11 (RESERVED)
Number of coherent lock events. If set to “0” it triggers after the first lock detection if set to
30
26
LOCKDET
PLL Lock
EEPROM
“1” it triggers lock after 64 cycles of lock detections.
31
27
ADLOCK
PLL Lock
Selects Digital PLL_LOCK “0” ,Selects Analog PLL_LOCK “1”
EEPROM
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com