Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 19Page - Texas Instruments CDCE62005 Datasheet HTML 20Page - Texas Instruments CDCE62005 Datasheet HTML 21Page - Texas Instruments CDCE62005 Datasheet HTML 22Page - Texas Instruments CDCE62005 Datasheet HTML 23Page - Texas Instruments CDCE62005 Datasheet HTML 24Page - Texas Instruments CDCE62005 Datasheet HTML 25Page - Texas Instruments CDCE62005 Datasheet HTML 26Page - Texas Instruments CDCE62005 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
INTERFACE AND CONTROL BLOCK
Interface
&
Control
REF_SELECT
/Power_Down
/SYNC
EEPROM(DefaultConfiguration)
Device
Hardware
SPI_LE
SPI_CLK
SPI_MISO
SPI_MOSI
Register0
StaticRAM(DeviceRegisters)
Register1
Register2
Register3
Register4
Register5
Register6
Register7
Register8
Register0
Register1
Register2
Register3
Register4
Register5
Register6
Register7
SPI (Serial Peripheral Interface)
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
The Interface & Control Block includes a SPI interface, four control pins, a non-volatile memory array in which
the device stores default configuration data, and an array of device registers implemented in Static RAM. This
RAM, also called the device registers, configures all hardware within the CDCE62005.
Figure 18. CDCE62005 Interface and Control Block
The serial interface of CDCE62005 is a simple bidirectional SPI interface for writing and reading to and from the
device registers. It implements a low speed serial communications link in a master/slave topology in which the
CDCE62005 is a slave. The SPI consists of four signals:
• SPI_CLK: Serial Clock (Output from Master) – the CDCE62005 clocks data in and out on the rising edge of
SPI_CLK. Data transitions therefore occur on the falling edge of the clock.
• SPI_MOSI: Master Output Slave Input (Output from Master) .
• SPI_MISO: Master Input Slave Output (Output from Slave)
• SPI_LE: Latch Enable (Output from Master). The falling edge of SPI_LE initiates a transfer. If SPI_LE is high,
no data transfer can take place.
The CDCE62005 implements data fields that are 28-bits wide. In addition, it contains 9 registers, each
comprising a 28 bit data field. Therefore, accessing the CDCE62005 requires that the host program append a
4-bit address field to the front of the data field as follows:
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com