Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 9Page - Texas Instruments CDCE62005 Datasheet HTML 10Page - Texas Instruments CDCE62005 Datasheet HTML 11Page - Texas Instruments CDCE62005 Datasheet HTML 12Page - Texas Instruments CDCE62005 Datasheet HTML 13Page - Texas Instruments CDCE62005 Datasheet HTML 14Page - Texas Instruments CDCE62005 Datasheet HTML 15Page - Texas Instruments CDCE62005 Datasheet HTML 16Page - Texas Instruments CDCE62005 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
ELECTRICAL CHARACTERISTICS OPERATING CONDITIONS (Continued)
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
recommended operating conditions for the CDCE62005 device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SPI OUTPUT (MISO) / PLL DIGITAL (OUTPUT MODE)
IOH
High-level output current
VCC = 3.3 V,
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V,
VO = 1.65 V
33
mA
VOH
High-level output voltage for LVCMOS outputs
VCC = 3 V,
IOH = −100 µA
VCC–0.5
V
VOL
Low-level output voltage for LVCMOS outputs
VCC = 3 V,
IOL = 100 µA
0.3
V
CO
Output capacitance on MISO
VCC = 3.3 V; VO = 0 V or VCC
3
pF
IOZH
5
VO = VCC
3-state output current
µA
VO = 0 V
IOZL
–5
PLL ANALOG ( INPUT MODE)
High-impedance state output current for PLL
IOZH LOCK
VO = 3.6 V (PD is set low)
22
µA
LOCK output(2)
High-impedance state output current for PLL
IOZL LOCK
VO = 0 V (PD is set low)
–1
µA
LOCK output
Positive input threshold voltage VCC = min to
VT+
VCC×0.55
V
max
Negative input threshold voltage VCC c= min to
VT–
VCC×0.35
V
max
VBB
IBB = –0.2 mA, Depending on the
VBB
Termination voltage for reference inputs.
0.9
1.9
V
setting.
INPUT BUFFERS INTERNAL TERMINATION RESISTORS (PRI_IN and SEC_IN)
Termination resistance
Single ended
50
Ω
PHASE DETECTOR
fCPmax
Charge pump frequency
0.04
40
MHz
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C
(2)
Lock output has a 80k
Ω pull-down resistor.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com