Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 40Page - Texas Instruments CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments CDCE62005 Datasheet HTML 47Page - Texas Instruments CDCE62005 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Output Multiplexer Control
The Clock Divider Module receives the clock selected by the output multiplexer. The output multiplexer selects
from one of four clock sources available on the Internal Clock Distribution. For a description of PRI_IN, SEC_IN,
and SMART_MUX, see Figure 23. For a description of SYNTH, see Figure 33.
Table 20. CDCE62005 Output Multiplexer Control Settings
OUTPUT MULTIPLEXER CONTROL
Register n (n = 0,1,2,3,4)
OUTMUXnSELX
OUTMUXnSELY
n.4
n.5
CLOCK SOURCE SELECTED
0
0
PRI_IN
0
1
SEC_IN
1
0
SMART_MUX
1
1
SYNTH
Output Buffer Control
Each of the five output channels includes a programmable output buffer; supporting LVPECL, LVDS, and
LVCMOS modes. Table 21 lists the settings required to configure the CDCE62005 for each output type.
Registers 0 through 4 correspond to Output Channels 0 through 4 respectively.
Table 21. CDCE62005 Output Buffer Control Settings
OUTPUT BUFFER CONTROL
Register n (n = 0,1,2,3,4)
OUTPUT TYPE
CMOSMODEnPX
CMOSMODEnPY
CMOSMODEnNX
CMOSMODEnNY
OUTBUFSELnX
OUTBUFSELnY
n.22
n.23
n.24
n.25
n.26
n.27
0
0
0
0
0
1
LVPECL
0
1
0
1
1
1
LVDS
See LVCMOS Output Buffer Configuration Settings
0
0
LVCMOS
0
1
0
1
1
0
OFF
Output Buffer Control – LVCMOS Configurations
A LVCMOS output configuration requires additional configuration data. In the single ended configuration, each
Output Channel provides a pair of outputs. The CDCE62005 supports four modes of operation for single ended
outputs as listed in Table 22.
Table 22. LVCMOS Output Buffer Configuration Settings
OUTPUT BUFFER CONTROL – LVCMOS CONFIGURATION
Register n (n = 0,1,2,3,4)
Output
Pin
Output Mode
Type
CMOSMODEnPX
CMOSMODEnPY
CMOSMODEnNX
CMOSMODEnNY
OUTBUFSELnX
OUTBUFSELnY
n.22
n.23
n.24
n.25
n.26
n.27
X
X
0
0
0
0
LVCMOS
Negative
Active – Non-inverted
X
X
0
1
0
0
LVCMOS
Negative
Hi-Z
X
X
1
0
0
0
LVCMOS
Negative
Active – Non-inverted
X
X
1
1
0
0
LVCMOS
Negative
Low
0
0
X
X
0
0
LVCMOS
Positive
Active – Non-inverted
0
1
X
X
0
0
LVCMOS
Positive
Hi-Z
1
0
X
X
0
0
LVCMOS
Positive
Active – Non-inverted
1
1
X
X
0
0
LVCMOS
Positive
Low
44
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com