Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 5 Page - Texas Instruments

  CDCE62005 Datasheet HTML 1Page - Texas Instruments CDCE62005 Datasheet HTML 2Page - Texas Instruments CDCE62005 Datasheet HTML 3Page - Texas Instruments CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
FUNCTIONAL DESCRIPTION
Output
Divider0
U0P
U0N
U1P
U1N
U2P
U2N
U3P
U3N
U4P
U4N
PFD/
CP
/1:/2:HiZ
/1:/2:HiZ
Prescaler
Feedback
Divder
Input
Divider
Reference
Divider
AUX
OUT
PRI_IN
SEC_IN
XTAL /
AUX_IN
EEPROM
Interface
&
Control
REF_SELECT
/Power_down
/SYNC
SPI_LE
SPI_CLK
SPI_MISO
SPI_MOSI
EXT_LFP
EXT_LFN
Output
Divider1
Output
Divider2
Output
Divider3
Output
Divider4
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
Figure 3. CDCE62005 Block Diagram
The CDCE62005 comprises of four primary blocks: the interface and control block, the input block, the output
block, and the synthesizer block. In order to determine which settings are appropriate for any specific
combination of input/output frequencies, a basic understanding of these blocks is required. The interface and
control block determines the state of the CDCE62005 at power-up based on the contents of the on-board
EEPROM. In addition to the EEPROM, the SPI port is available to configure the CDCE62005 by writing directly
to the device registers after power-up. The input block selects which of the three input ports is available for use
by the synthesizer block and buffers all clock inputs. The output block provides five separate clock channels that
are fully programmable and configurable to select and condition one of four internal clock sources. The
synthesizer block multiplies and filters the input clock selected by the input block.
NOTE:
This Section of the data sheet provides a high-level description of the features of the
CDCE62005 for purpose of understanding its capabilities. For a complete description
of device registers and I/O, please refer to the Device Configuration Section.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com