Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62005 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 31Page - Texas Instruments CDCE62005 Datasheet HTML 32Page - Texas Instruments CDCE62005 Datasheet HTML 33Page - Texas Instruments CDCE62005 Datasheet HTML 34Page - Texas Instruments CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
Device Registers: Register 8
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
Table 13. CDCE62005 Register 8 Bit Definitions
SPI
RAM BIT NAME
RELATED
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
0
A0
Address 0
0
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
1
4
0
CALWORD0
Status
RAM
5
1
CALWORD1
Status
RAM
6
2
CALWORD2
Status
RAM
“VCO Calibration Word” read back from device
7
3
CALWORD3
Status
RAM
8
4
CALWORD4
Status
RAM
9
5
CALWORD5
Status
RAM
10
6
PLLLOCKPIN
Status
Read Only: Status of the PLL Lock Pin Driven by the device.
RAM
11
7
/SLEEP
Status
Set Device Sleep mode On when set to “0”, Normal Mode when set to “1”
RAM
If set to “0” this bit forces “/SYNC ; Set to “1” to exit the Synchronization
12
8
/SYNC
Status
RAM
State.
13
9
RESERVED
RAM
14
10
VERSION0
Silicon Revision
RAM
15
11
VERSION1
Silicon Revision
RAM
16
12
VERSION2
Silicon Revision
RAM
17
13
RESERVED
—
Must be set to “0”
RAM
18
14
CALWORD_IN0
Diagnostics
RAM
19
15
CALWORD_IN1
Diagnostics
RAM
20
16
CALWORD_IN2
Diagnostics
RAM
TI Test Registers. For TI Use Only
21
17
CALWORD_IN3
Diagnostics
RAM
22
18
CALWORD_IN4
Diagnostics
RAM
23
19
CALWORD_IN5
Diagnostics
RAM
24
20
RESERVED
—
Must be set to “0”
RAM
25
21
TITSTCFG0
Diagnostics
RAM
26
22
TITSTCFG1
Diagnostics
RAM
TI Test Registers. For TI Use Only
27
23
TITSTCFG2
Diagnostics
RAM
28
24
TITSTCFG3
Diagnostics
RAM
29
25
PRIACTIVITY
Status
Synthesizer Source Indicator (27:25)
RAM
0 0 1 Primary Input
30
26
SECACTIVITY
Status
RAM
0 1 0 Secondary Input
31
27
AUXACTIVITY
Status
RAM
1 0 0 Auxiliary Input
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com