Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN410 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN410
Description  SMART DIRECTION INDICATOR 2 CHANNEL DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN410 Datasheet(HTML) 1 Page - STMicroelectronics

  VN410 Datasheet HTML 1Page - STMicroelectronics VN410 Datasheet HTML 2Page - STMicroelectronics VN410 Datasheet HTML 3Page - STMicroelectronics VN410 Datasheet HTML 4Page - STMicroelectronics VN410 Datasheet HTML 5Page - STMicroelectronics VN410 Datasheet HTML 6Page - STMicroelectronics VN410 Datasheet HTML 7Page - STMicroelectronics VN410 Datasheet HTML 8Page - STMicroelectronics VN410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VN410
SMART DIRECTION INDICATOR
2 CHANNEL DRIVERS
March 1998
MULTIWATT-15
Order Codes :
(vertical)
(In Line)
VN410
VN410(012Y)
BLOCK DIAGRAM
T YPE
VDSS(c l)
In (9 )Ron
VN410
60V
4.8 A
0. 07
Ω
s
LOAD CURRENT UP TO 15A PER CHANNEL
s
OVER VOLTAGE PROTECTION
s
UNDER VOLTAGE PROTECTION
s
DOUBLE FLASHING FREQUENCY IN LOW
LOAD CONDITION
s
CYCLE BY CYCLE POWER LIMITATION
s
BUZZER DRIVER
s
TRAILER INDICATION
DESCRIPTION
The VN410 is a monolithic device made using
SGS-THOMSON
Vertical
Intelligent
Power
Technology, integrating all the features needed to
implement
a
complete
automotive
flashing
system.
This device has two identical power channels, so
the informations are are specified for only one. Rt,
Ct pins are connected to an external R, C
network which fixes the flashing frequency. LDIR,
RDIR direction inputs activate the corresponding
output (or none). EM inputs turns on both power
outputs for emergency flashing, which is reflected
by flashing red LED connected to LEDEM output.
AL input can be connected to an anti-theft alarm
system, making both power outputs flashing. In
case of low load (burned lamp) buzzer frequency
and outputs flashing will double, thus indicating a
fault condition (direction mode only).
In case of overloading of the power outputs,
built-in-thermal shutdown circuits will reduce duty
cycle
so
as
to
keep
maximum
junction
temperature within
safe
limits.
Rol
pin
is
connected to an external resistor to detect a
burned lamp and a trailer connection. LEDT is
connected to an external green LED which
indicates the trailer connection.
In (9) : ISO definition nominal current for high side automotive
switches.
1/11


Similar Part No. - VN410

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
VN413300 YAMAHA-VN413300 Datasheet
13Mb / 42P
STEREO AMPLIFIER SERVICE MANUAL
More results

Similar Description - VN410

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UAA1041B MOTOROLA-UAA1041B Datasheet
92Kb / 4P
AUTOMOTIVE DIRECTION INDICATOR
logo
STMicroelectronics
L9686 STMICROELECTRONICS-L9686 Datasheet
60Kb / 7P
AUTOMOTIVE DIRECTION INDICATOR
May-1995
logo
Integral Corp.
IL33193 INTEGRAL-IL33193 Datasheet
247Kb / 8P
Automotive Direction Indicator
logo
KODENSHI_AUK CORP.
KK33193 KODENSHI-KK33193 Datasheet
264Kb / 8P
Automotive Direction Indicator
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193 Datasheet
249Kb / 8P
Automotive Direction Indicator
logo
Motorola, Inc
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
Automotive Direction Indicator
logo
STMicroelectronics
L9686MD013TR STMICROELECTRONICS-L9686MD013TR Datasheet
614Kb / 7P
AUTOMOTIVE DIRECTION INDICATOR
Sep-2003
logo
IK Semicon Co., Ltd
IL33193 IKSEMICON-IL33193_16 Datasheet
407Kb / 9P
Automotive Direction Indicator
IL33193-03N IKSEMICON-IL33193-03N Datasheet
717Kb / 6P
Automotive Direction Indicator
IL33193A IKSEMICON-IL33193A Datasheet
397Kb / 8P
Automotive Direction Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com