Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN410 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN410
Description  SMART DIRECTION INDICATOR 2 CHANNEL DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN410 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN410 Datasheet HTML 2Page - STMicroelectronics VN410 Datasheet HTML 3Page - STMicroelectronics VN410 Datasheet HTML 4Page - STMicroelectronics VN410 Datasheet HTML 5Page - STMicroelectronics VN410 Datasheet HTML 6Page - STMicroelectronics VN410 Datasheet HTML 7Page - STMicroelectronics VN410 Datasheet HTML 8Page - STMicroelectronics VN410 Datasheet HTML 9Page - STMicroelectronics VN410 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TRUTH TABLE
Co ndi ti ons
Al
Em
Dir R
Dir L
O UT R
O UT L
Normal Operation
Hiz
Hiz
Hiz
Hiz
A
Hiz
Hiz
Hiz
L
X
O
O
C
X
X
O
C
O
X
X
L
L
A
A
A
L
A
L
A
A
O ver-voltage
X
X
X
X
L
L
Under-voltage
X
X
X
X
L
L
Power Overload
In that case, the duty cycle will be reduced so as to keep the junct ion
temperature below Tpl
Hiz = high impedance, L= low level, X= unspecified, A=active, O=open, C=closed.
FUNCTIONAL DESCRIPTION
- NORMAL OPERATION
T he right or lef t channel is activat ed by t he corresponding position of the direct ion indicator through t he
direct ion input pins. Each t ime an output (or bot h) is activated, the buzzer is also activated through the
BUZZ pin at the double f requency than t he output(s). In emergency case, if the emergency button is
activated the two channels are turned on. At t he same t ime the emergency red LED is flashing. An
anti-t heft alarm can be connected to t he AL pin, in t hat condition if the anti-theft alarm is used the t wo
channels are activated.
- UNDER-VOLTAGE OR OVER-VOLTAGE CONDITION
I n case the device detects an undervoltage or an overvolt age condit ion the act ivat ed channel(s) are
automatically switched off whatever the input commands (LDIR, RDIR, AL, EM)
- TRAILER OPERATION
T he trailer detection is achieved wit h the ROL ext ernal resistor. In t hat case the green trailer LED is
f lashing t hrough t he pin LEDT in synchronism with t he outputs.
- LOW LOAD CONDITION
The low load det ection is achieved with the ROL external resistor connected between RO L pin and RT pin.
I f a low load condition has been detected the output flashing frequency on the guilty channel and the
buzzer frequency will be double (in direct ion mode only) .
- POWER LIMITATION CONDITION
I n case of overloading of t he power outputs t he duty cycle is reduced int ernally by t he device itself so as to
keep maximum junct ion temperature wit hin safe limits.
- CHIP GROUND DISCONNECTION
I f GND pin is disconnected, the device will switch off provided Vbat does not exceed 18V.
SWITCHING PARAMETERS TEST CONDITIONS
VN410
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com