Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN410 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN410
Description  SMART DIRECTION INDICATOR 2 CHANNEL DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN410 Datasheet(HTML) 5 Page - STMicroelectronics

  VN410 Datasheet HTML 1Page - STMicroelectronics VN410 Datasheet HTML 2Page - STMicroelectronics VN410 Datasheet HTML 3Page - STMicroelectronics VN410 Datasheet HTML 4Page - STMicroelectronics VN410 Datasheet HTML 5Page - STMicroelectronics VN410 Datasheet HTML 6Page - STMicroelectronics VN410 Datasheet HTML 7Page - STMicroelectronics VN410 Datasheet HTML 8Page - STMicroelectronics VN410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
FLASHING
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
It2
Current Threshold f or
Trailer Det ect ion
Rol = 1000 W ; Vbat = 18 V
4.81
6.33
A
PROTECTIONS
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Vusd
Under Voltage
Shut-down
6V
Tpl
Thermal Limitation
Temperat ure
140
200
oC
Tpr
Thermal Limitation
Reset Temperature
125
oC
Vov
Over Volt age
Shut-down
18
24
V
Vcl
Drain-Source Clamp
Voltage
Iout = In =4.8 A
60
80
V
EXTERNAL COMPONENTS CHARACTERISTICS (Application Ratings)
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
Rt
External Resist or f or Oscillator
3000
Ω
Ct
External Capacitor for Oscillator
100
nF
R1
External Direction Resistor
447
470
493
Ω
R2
External Direction Resistor
447
470
493
Ω
RC
Switch Contact Resist or
0.1
10
Ω
Rol
External Resist or f or Double F requency and Trailer
Detections
857
866
875
Ω
Ilk
Connector Leakage Current Bet ween I nput Direction Pins
and Vbat Pin
2mA
Lou t
Output Inductance
10
µHVig
EXTERNAL COMPONENTS DIAGRAM
VN410
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com