Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN410 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN410
Description  SMART DIRECTION INDICATOR 2 CHANNEL DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN410 Datasheet(HTML) 2 Page - STMicroelectronics

  VN410 Datasheet HTML 1Page - STMicroelectronics VN410 Datasheet HTML 2Page - STMicroelectronics VN410 Datasheet HTML 3Page - STMicroelectronics VN410 Datasheet HTML 4Page - STMicroelectronics VN410 Datasheet HTML 5Page - STMicroelectronics VN410 Datasheet HTML 6Page - STMicroelectronics VN410 Datasheet HTML 7Page - STMicroelectronics VN410 Datasheet HTML 8Page - STMicroelectronics VN410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATING
Symb ol
Parameter
Value
Uni t
-Vbat
Reverse Supply Voltage
-12
V
VBR( DSS)
Drain-Source Breakdown Voltage
60
(Int ernally clamped)
V
Vp1
Breakdown Volt age in Pad : LEDEM
(Vbat <15V)
(Vbat > 15V)
Vbat
15
V
V
Ip1
Breakdown Current in Pad : RT, CT , ROL
LDIR, RDI R
+/- 10
-10/+100
mA
mA
IOut
Maximum DC Load Current
15
A
Vgnd
Voltage Drop Between ground connect ions (see note 1)
0.4
V
IR
Reverse Output Current
-15
A
Vesd
Electrostatic Discharge (R = 1.5 k
Ω, C = 100 pF)
2000
V
Ptot
Power Dissipation at Tc
≤ 25 oC
I nternally Limited
W
Tj
Junct ion Operating Temperature
I nternally Limited
oC
Tstg
St orage Temperature
-55 t o 150
oC
Note 1: In case the voltage drops beetween ground connection exceed 0.4V, extenal resistors in series with EM pin and AL pin are needed
(if these pins are used) to prevent damages to the device. The value of these resistors is 100
Ω.
CONNECTION DIAGRAM
CURRENT AND VOLTAGE CONVENTIONS
VN410
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com