Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN410 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN410
Description  SMART DIRECTION INDICATOR 2 CHANNEL DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN410 Datasheet(HTML) 4 Page - STMicroelectronics

  VN410 Datasheet HTML 1Page - STMicroelectronics VN410 Datasheet HTML 2Page - STMicroelectronics VN410 Datasheet HTML 3Page - STMicroelectronics VN410 Datasheet HTML 4Page - STMicroelectronics VN410 Datasheet HTML 5Page - STMicroelectronics VN410 Datasheet HTML 6Page - STMicroelectronics VN410 Datasheet HTML 7Page - STMicroelectronics VN410 Datasheet HTML 8Page - STMicroelectronics VN410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case (1)
Max
1.5
oC/W
ELECTRICAL CHARACTERISTICS (10V < VCC <18 V; - 40
oC< TJ < 125 oC unless otherwise
specified)
POWER
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
Vbat
Operating Voltage
6
13
18
V
Ron
On Stat e Resistance
(per Channel)
TC=25
oCVbat =13 V
Iout=Inomin al
0.07
Ω
Isq
Supply Q uiescent
Current
TC=25
oCVbat =13 V
Of f St ate
100
µA
SWITCHING
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
(di/ dt)on
Turn-on Current Slope
Rload =2.7
Ω; TC=25 oC; Vbat =13 V
0. 01
A/
µs
(di/dt)off
Turn-off Current Slope
Rload =2.7
Ω; TC=25 oC; Vbat =13 V
0. 01
A/
µs
FLASHING
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
fb
Flashing frequency
(normal operation)
Rt = 2400
Ω
Ct =100 nF
2
4
1.6
Hz
δ1
Duty Cycle
Direction I ndicat or F lashing Mode
0. 45
δ2
Duty Cycle
Emergency and Alarm Flashing
Mode
0. 35
Idir L
Idir R
Direction Current s
R1 =470
Ω;R2 = 470 Ω;TC=25 oC5
20
40
mA
Iem
Emergency Source
Current
Vem =1 V; TC=25
oC5
20
40
mA
Ial
Alarm Source Current
Val =2 V; TC=25
oC5
20
40
mA
Idm1
LED Source Current
(emergency f lashing)
LEDEM pin short circuited to GND
35
120
mA
Idm2
LED Sink Current
(emergency f lashing)
15
70
mA
Iet
LED Current (t railer
indicator)
LEDT pin short circuited to GND
35
120
mA
Iz
Buzzer Current
BUZZ pin short circuited t o GND
250
1000
mA
Tz
On Time Buzzer
Rt = 3000
Ω; Ct = 100 nF
348
ms
Tfz
Buzzer Filter Time
Rt = 3000
Ω; Ct = 100 nF
8
28
ms
Tal
Alarm Filtering Time
Rt = 3000
Ω; Ct = 100 nF
15
40
ms
Idf1
Current Threshold f or
Double Frequency
Rol = 1000
Ω; Vbat = 10 V
1.94
3.04
A
Idf2
Current Threshold f or
Double Frequency
Rol = 1000
Ω; Vbat = 18 V
2.64
4.22
A
It1
Current Threshold f or
Trailer Det ect ion
Rol = 1000
Ω; Vbat = 10 V
3.52
4.56
A
VN410
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com