Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN410 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN410
Description  SMART DIRECTION INDICATOR 2 CHANNEL DRIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN410 Datasheet(HTML) 3 Page - STMicroelectronics

  VN410 Datasheet HTML 1Page - STMicroelectronics VN410 Datasheet HTML 2Page - STMicroelectronics VN410 Datasheet HTML 3Page - STMicroelectronics VN410 Datasheet HTML 4Page - STMicroelectronics VN410 Datasheet HTML 5Page - STMicroelectronics VN410 Datasheet HTML 6Page - STMicroelectronics VN410 Datasheet HTML 7Page - STMicroelectronics VN410 Datasheet HTML 8Page - STMicroelectronics VN410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL TRANSIENTS REQUIREMENTS
ISO T/ R
7637/ 1
Test Pu lse
T EXT LEVEL S
I
I I
I II
I V
Delays an d
I mpedance
1
-25 V
-50 V
-75 V
-100 V
2 ms, 10
Ω
2
+25 V
+50 V
+75 V
+100 V
0.2 ms, 10
Ω
3a
-25 V
-50 V
-100 V
-150 V
100
µs, 50 Ω
3b
+25 V
+50 V
+75 V
+100 V
100
µs, 50 Ω
4
-4 V
-5 V
-6 V
-7 V
100 ms, 0.01
Ω
5
+26. 5
+46. 5
+66.5
+86.5
400 ms, 2
Ω
ISO T/ R
7637/ 1
Test Pu lse
T EXT LEVEL S RESULT S
∗
I
II
III
I V
1C
C
E
E
2C
C
E
E
3a
C
C
C
C
3b
C
C
C
C
4C
C
C
C
5C
C
E
E
* :with an external capacitor of 22nF connected between Vbat and GND, with loads connected (2 bulbs per channel),and with a maximum of
10
µH output inductance.
CL ASS
CONT ENT S
C
All function of the device are performed as designed after exposure to disturbance.
E
One or more funct ions of the device is not perf ormed as designed aft er exposure and
cannot be returned to proper operation without replacing the device.
VN410
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com