Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 4 Page - Semtech Corporation

  SC810 Datasheet HTML 1Page - Semtech Corporation SC810 Datasheet HTML 2Page - Semtech Corporation SC810 Datasheet HTML 3Page - Semtech Corporation SC810 Datasheet HTML 4Page - Semtech Corporation SC810 Datasheet HTML 5Page - Semtech Corporation SC810 Datasheet HTML 6Page - Semtech Corporation SC810 Datasheet HTML 7Page - Semtech Corporation SC810 Datasheet HTML 8Page - Semtech Corporation SC810 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2008 Semtech Corporation
SC810
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IPRGM Programming Resistor
R
IPRGM
2.05
29.4
kΩ
Fast-Charge Current, adapter mode
I
FQ_AD
R
IPRGM
= 2.94kΩ, VT
PreQ
< V
BAT
< V
CV
643
694
745
mA
Pre-Charge Current
I
PreQ
R
IPRGM
= 2.94kΩ, 1.8V < V
BAT
< VT
PreQ
105
139
173
mA
Termination Current
I
TERM
R
IPRGM
= 2.94kΩ, V
BAT
= V
CV
59
69
80
mA
Dropout Voltage
V
DO
I
BAT
= 700mA, 0°C ≤ T
J
≤ 125°C
0.40
0.60
V
IPRGM Fast-charge Regulated Voltage
V
IPRGM_FQ
V
VIN
= 5.0V, VT
PreQ
< V
BAT
< V
CV
2.04
V
IPRGM Pre-charge Regulated Voltage
V
IPRGM_PQ
1.8V < V
BAT
< VT
PreQ
0.408
V
IPRGM Termination Threshold Voltage
VT
IPRGM_TERM
V
BAT
= V
CV
(either input selected)
0.204
V
Thermal Limiting Threshold
Temperature
T
TL
130
°C
Thermal Limiting Rate
i
T
50
mA/ °C
ENB Input High Voltage
V
IH
1.6
V
ENB Input Mid Voltage
V
IM
0.7
1.3
V
ENB Input Low Voltage
V
IL
0.3
V
ENB Input High-range Threshold
Input Current
I
IH_TH
ENB current required to pull ENB from
floating midrange into high range
23
50
μA
ENB Input High-range Sustain Input
Current
I
IH_SUS
Current required to hold ENB in
high range, Min V
IH
≤ V
ENB
≤ V
BAT
,
Min V
IH
≤ V
BAT
≤ 4.2V
0.3
1
μA
ENB Input Mid-range Load Limit
I
IM
Input will float to mid range when this
load limit is observed.
-5
5
μA
ENB Input Low-range Input Current
I
IL
0V ≤ V
ENB
≤ Max V
IL
-25
-12
μA
ENB Input Leakage
I
ILEAK
V
VIN
= 0V, V
ENB
= V
BAT
= 4.2V
1
μA
STATB Output Low Voltage
V
STAT_LO
I
STAT_SINK
= 2mA
0.5
V
STATB Output High Current
I
STAT_HI
V
STAT
= 5V
1
μA
Electrical Characteristics (continued)
Notes:
(1) Maximum operating voltage is the maximum Vsupply as defined in EIA/JEDEC Standard No. 78, paragraph 2.11. This is the input voltage at
which the charger is guaranteed to begin operation.
(2) Sustained operation to VT
UVLO-F
≤ V
VIN
is guaranteed only if a current limited charging source applied to VIN is pulled below VT
UVLO-R
by the
charging load; forced VIN voltage below VT
UVLO-R
in some cases may result in regulation errors or other unexpected behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com