Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 1 Page - Semtech Corporation

  SC810 Datasheet HTML 1Page - Semtech Corporation SC810 Datasheet HTML 2Page - Semtech Corporation SC810 Datasheet HTML 3Page - Semtech Corporation SC810 Datasheet HTML 4Page - Semtech Corporation SC810 Datasheet HTML 5Page - Semtech Corporation SC810 Datasheet HTML 6Page - Semtech Corporation SC810 Datasheet HTML 7Page - Semtech Corporation SC810 Datasheet HTML 8Page - Semtech Corporation SC810 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© 2008 Semtech Corporation
POWER MANAGEMENT
1
SC810
Single Input/Single Mode
Single-cell Li-ion Charger
Features
Single input charger
Constant voltage — 4.2V, 1% regulation
Fast-charge current regulation — 15% at 70mA,
9% at 700mA
Three mode charging — current regulation, voltage
regulation, and thermal limiting
Input voltage protection — 30V
Current-limited charging support — reduces power
dissipation in charger IC
Instantaneous CC-to-CV transition for faster charging
Three termination options — float-charge, automatic
re-charge, or forced re-charge to keep the battery
topped-off after termination without float-charging
Soft-start reduces adapter load transients
High operating voltage range permits use of
unregulated adapters
Complies with CCSA YD/T 1591-2006
Space saving 2x2x0.6 (mm) MLPD package
WEEE and RoHS compliant
Applications
Mobile phones
MP3 players
GPS handheld receivers
Description
The SC810 is a linear single-cell Li-ion battery charger in a
6 lead 2x2 MLPD Ultra-thin package. The input will survive
sustained input voltage up to 30V to protect against hot
plug overshoot and faulty charging adapters.
Charging begins automatically when a valid input source
is applied. Thermal limiting protects the SC810 from
excessive power dissipation. It can be programmed to
turn off when charging is complete or to continue operat-
ing as an LDO regulator while float-charging the battery.
The input will charge with an adapter operating in voltage
regulation or in current-limit to obtain the lowest possible
power dissipation by pulling the input voltage down to
the battery voltage. The maximum fast-charge current
setting is 1A.
Charge current is programmed with a single resistor. Pre-
charge and termination current are fixed at 20% and 10%,
respectively, of the programmed fast-charge current.
Charge current steps up to the programmed value (soft
starts) to reduce load transients on the charging adapter.
Device
Load
Battery
Pack
2.2
μF
VADAPTER
2.2
μF
VIN
IPRGM
GND
STATB
ENB
BAT
SC810
Typical Application Circuit
February 26, 2008


Similar Part No. - SC810

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC810 SEMTECH-SC810 Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
logo
SamHop Microelectronics...
SC8100S SAMHOP-SC8100S Datasheet
145Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Semtech Corporation
SC810EVB SEMTECH-SC810EVB Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
SC810ULTRT SEMTECH-SC810ULTRT Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
SC810 SEMTECH-SC810_1 Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
More results

Similar Description - SC810

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
1A, Single-Input, Single Cell Li-Ion Battery Charger
logo
Semtech Corporation
SC810 SEMTECH-SC810_1 Datasheet
320Kb / 20P
Single Input/Single Mode Single-cell Li-ion Charger
logo
Texas Instruments
BQ24210 TI1-BQ24210 Datasheet
679Kb / 26P
800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24212 TI1-BQ24212 Datasheet
254Kb / 8P
800mA, Single-Input, Single Cell Li-Ion Battery Solar Charger
BQ24160A TI1-BQ24160A_16 Datasheet
2Mb / 52P
Single-Cell Switched-Mode Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com