Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 10Page - Semtech Corporation SC810 Datasheet HTML 11Page - Semtech Corporation SC810 Datasheet HTML 12Page - Semtech Corporation SC810 Datasheet HTML 13Page - Semtech Corporation SC810 Datasheet HTML 14Page - Semtech Corporation SC810 Datasheet HTML 15Page - Semtech Corporation SC810 Datasheet HTML 16Page - Semtech Corporation SC810 Datasheet HTML 17Page - Semtech Corporation SC810 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
© 2008 Semtech Corporation
SC810
14
Forced re-charge can be requested at any time during the
charge cycle, or even with no charging source present,
with no detrimental effect on charger operation. This
allows the host processor to schedule a forced re-charge
at any desired interval, without regard to whether a charge
cycle is already in progress, or even whether a charging
source is present. Forced re-charge will neither assert nor
release the STATB output.
Status Output
The STATB pin is an open-drain output. It is asserted
(driven low) as charging begins after a valid charging
input is applied and the VIN voltage is greater than the
input UVLO level and less than the OVP level. STATB is also
asserted as charging begins after the ENB input returns to
either of the enable voltage ranges (mid or low voltage)
from the disable (high voltage) range. STATB is subse-
quently released when the termination current is reached
to indicate end-of-charge, when the ENB input is driven
high to disable charging, or when the input voltage is
removed. If the battery is already fully charged when a
charge cycle is initiated, STATB is asserted, and remains
asserted for approximately 750μs before being released.
The STATB pin is not asserted for automatic re-charge
cycles.
The STATB pin may be connected to an interrupt input to
notify a host controller of the charging status or it can be
used as an LED driver.
Logical CC-to-CV Transition
The SC810 differs from monolithic linear single cell Li-ion
chargers that implement a linear transition from CC to CV
regulation. The linear transition method uses two simul-
taneous feedback signals — output voltage and output
current — to the closed-loop controller. When the output
voltage is sufficiently below the CV regulation voltage, the
influence of the voltage feedback is negligible and the
output current is regulated to the desired current. As the
battery voltage approaches the CV regulation voltage
(4.2V), the voltage feedback signal begins to influence the
control loop, which causes the output current to decrease
although the output voltage has not reached 4.2V. The
output voltage limit dominates the controller when the
battery reaches 4.2V and eventually the controller is
entirely in CV regulation. The soft transition effectively
reduces the charge current below that which is permitted
Applications Information (continued)
for a portion of the charge cycle, which increases charge
time.
In the SC810, a logical transition is implemented from CC
to CV to recover the charge current lost due to the soft
transition. The controller regulates only current until the
output voltage exceeds the transition threshold voltage.
It then switches to CV regulation. The transition voltage
from CC to CV regulation is typically 5mV higher than the
CV regulation voltage, which provides a sharp and clean
transition free of chatter between regulation modes. The
difference between the transition voltage and the regula-
tion voltage is termed the CC/CV overshoot. While in CV
regulation, the output current sense remains active. If the
output current exceeds the programmed fast-charge
current by 5%, the controller rever ts to current
regulation.
The logical transition from CC to CV results in the fastest
possible charging cycle that is compliant with the speci-
fied current and voltage limits of the Li-ion cell. The output
current is constant at the CC limit, then decreases abruptly
when the output voltage steps from the overshoot voltage
to the regulation voltage at the transition to CV control.
Thermal Limiting
Device thermal limiting is the third output constraint of
the Constant Current, Constant Voltage, “Constant”
Temperature (CC/CV/CT) control. This feature permits a
higher input OVP threshold, and thus the use of higher
voltage or poorly regulated adapters. If high input voltage
results in excessive power dissipation, the output current
is reduced to prevent overheating of the SC810. The
thermal limiting controller reduces the output current by
i
T
≈ 50mA/ºC for any junction temperature T
J
> T
TL
.
When thermal limiting is inactive,
T
J
= T
A
+ V
Δ
I
FQ
θ
JA
,
where V
Δ
is the voltage difference between the VIN pin
and the BAT pin. However, if T
J
computed this way exceeds
T
TL
, then thermal limiting will become active and the
thermal limiting regulation junction temperature will be
T
JTL
= T
A
+ V
Δ
I(T
JTL
) θ
JA
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com