Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 3Page - Semtech Corporation SC810 Datasheet HTML 4Page - Semtech Corporation SC810 Datasheet HTML 5Page - Semtech Corporation SC810 Datasheet HTML 6Page - Semtech Corporation SC810 Datasheet HTML 7Page - Semtech Corporation SC810 Datasheet HTML 8Page - Semtech Corporation SC810 Datasheet HTML 9Page - Semtech Corporation SC810 Datasheet HTML 10Page - Semtech Corporation SC810 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2008 Semtech Corporation
SC810
7
CC-to-CV Battery Voltage and Current
Re-Charge Cycle Battery Voltage and Current
610
630
650
670
690
710
44
44.5
45
45.5
46
46.5
47
47.5
48
4.16
4.17
4.18
4.19
4.2
4.21
Time (min)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
0
50
100
150
200
250
300
350
400
450
0.0
0.5
1.0
1.5
2/6
6.5
7.0
7.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time (hrs)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, Load = 10mA
V
BAT
I
BAT
Discharge hours 2 - 6 omitted.
Charging Cycle Battery Voltage and Current
Pre-Charging Battery Voltage and Current
0
100
200
300
400
500
600
700
800
0
2
4
6
8
10
1214161820
2
2.25
2.5
2.75
3
3.25
3.5
3.75
4
Time (s)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
0
100
200
300
400
500
600
700
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
0
1
2
3
4
5
6
7
Time (hrs)
850mAhr battery, R
IPRGM
= 2.94kΩ, V
VIN
= 5.0V, T
A
= 25
ο
C
V
BAT
I
BAT
Typical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com