Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 6Page - Semtech Corporation SC810 Datasheet HTML 7Page - Semtech Corporation SC810 Datasheet HTML 8Page - Semtech Corporation SC810 Datasheet HTML 9Page - Semtech Corporation SC810 Datasheet HTML 10Page - Semtech Corporation SC810 Datasheet HTML 11Page - Semtech Corporation SC810 Datasheet HTML 12Page - Semtech Corporation SC810 Datasheet HTML 13Page - Semtech Corporation SC810 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© 2008 Semtech Corporation
SC810
10
Charger Operation
The SC810 is a single cell Li-ion battery charger. It imple-
ments a Constant Current, Constant Voltage, Constant
Temperature (CC/CV/CT) charging algorithm.
When an input supply is first detected, a charge cycle is
initiated and the STATB open-drain output goes low. If the
battery voltage is less than the pre-charge threshold
voltage, the pre-charge current is supplied. Pre-charge
current is 20% of the programmed fast-charge current.
When the battery voltage exceeds the pre-charge thresh-
old, typically within seconds for a standard battery with a
starting cell voltage greater than 2V, the fast-charge
Constant Current (CC) mode begins. The charge current
soft-starts in three steps (20%, 60%, and 100% of pro-
grammed fast-charge current) to reduce adapter load
transients. CC current is programmed by the IPRGM resis-
tance to ground.
The charger begins Constant Voltage (CV) regulation
when the battery voltage rises to the fully-charged single-
cell Li-ion regulation voltage (V
CV
), nominally 4.2V. In CV
regulation, the output voltage is regulated, and as the
battery charges, the charge current gradually decreases.
The STATB output goes high when I
BAT
drops below the
termination current threshold, which is 10% of the IPRGM
pin programmed fast-charge current, regardless of the
mode selected. This is known as charge termination.
Optional Float-charging or Monitoring
Depending on the state of the ENB input, upon termina-
tion the SC810 either operates indefinitely as a voltage
regulator (float-charging) or it turns off its output. If the
output is turned off upon termination, the device enters
the monitor state. In this state, the output remains off
until the BAT pin voltage decreases by the re-charge
threshold (VT
ReQ). A re-charge cycle then begins automati-
cally and the process repeats. A forced re-charge cycle
can also be periodically commanded by the processor to
keep the battery topped-off without float-charging. See
the Monitor State section for details. Re-charge cycles are
not indicated by the STATB pin.
Charging Input Pin Properties
Glitch filtering is performed on the VIN pin, so an input
voltage that is ringing across its Under-Voltage Lockout
(UVLO) threshold will not be recognized until the ringing
has ceased. The UVLO rising threshold is set higher than
the voltage of a fully charged Li-ion single cell battery,
ensuring that only a charging source capable of fully
charging the battery has been applied. If the charging
current loads the adapter beyond its current limit, the
input voltage will be pulled down to just above the
battery voltage. The UVLO falling threshold is set close to
the battery voltage pre-charge threshold to permit low-
dissipation charging from a current limited adapter.
Constant Current Mode Fast-charge Current
Programming
The Constant Current (CC) mode is active when the
battery voltage is above VT
PreQ and less than VCV. The pro-
grammed CC regulation fast-charge (FQ) current is
inversely proportional to the resistance between IPRGM
and GND according to the equation
1000
R
V
I
IPRGM
Typ
_
IPRGM
FQ
The fast-charge current can be programmed for a
minimum of 70mA and a maximum of 995mA,
nominally.
Current regulation accuracy is dominated by gain error at
high current settings, and offset error at low current set-
tings. The range of expected fast-charge output current
versus programming resistance is shown in Figures 1a
and 1b. The figures show the nominal current versus
nominal R
IPRGM
resistance as the center plot and two theo-
retical limit plots indicating maximum and minimum
current versus nominal programming resistance. These
plots are derived from models of the expected worst-case
contribution of error sources depending on programmed
current. The current range includes the uncertainty due
to 1% tolerance resistors. The dots on each plot indicate
the currents obtained with standard value 1% tolerance
resistors. Figures 1a and 1b show low and high resistance
ranges, respectively.
Pre-charge Mode
This mode is automatically enabled when the battery
voltage is below the pre-charge threshold voltage
(VT
PreQ), typically 2.8V. Pre-charge current conditions the
battery for fast charging. The pre-charge current value is
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com