Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC810 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC810
Description  Single Input/Single Mode Single-cell Li-ion Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC810 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC810 Datasheet HTML 11Page - Semtech Corporation SC810 Datasheet HTML 12Page - Semtech Corporation SC810 Datasheet HTML 13Page - Semtech Corporation SC810 Datasheet HTML 14Page - Semtech Corporation SC810 Datasheet HTML 15Page - Semtech Corporation SC810 Datasheet HTML 16Page - Semtech Corporation SC810 Datasheet HTML 17Page - Semtech Corporation SC810 Datasheet HTML 18Page - Semtech Corporation SC810 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
© 2008 Semtech Corporation
SC810
16
A short to ground on the IPRGM current programming pin
will prevent startup. During charging, a short to ground
applied to the IPRGM pin forces the SC810 into reset,
turning off the output and holding it off until the short is
removed. When the IPRGM short to ground is removed,
the charger begins normal operation automatically
without input power cycling.
Over-Current Protection
Over-current protection is provided in all modes of opera-
tion, including CV regulation. The output current is limited
to either the programmed pre-charge current limit value
or the fast-charge current limit value, depending on the
voltage at the output.
Input Over-Voltage Protection
The VIN pin is protected from over-voltage to at least 30V
above GND. When the input voltage exceeds the Over-
Voltage Protection (OVP) rising threshold ( VT
OVP-R
),
charging is halted. When the input voltage falls below the
OVP falling threshold (VT
OVP-F
), charging resumes. An OVP
fault turns off the STATB output. STATB is turned on again
when charging restarts.
The OVP threshold has been set relatively high to permit
the use of poorly regulated adapters. Such adapters may
output a high voltage until loaded by the charger. A
too-low OVP threshold could prevent the charger from
ever turning on and loading the adapter to a lower voltage.
If the adapter voltage remains high despite the charging
load, the fast thermal limiting feature will immediately
reduce the charging current to prevent overheating of the
SC810. This behavior is illustrated in Figure 4, in which V
BAT
= 3.0V, I
FQ
= 700mA, and V
VIN
is stepped from 0V to 8.1V.
Initially, power dissipation in the SC820 is 3.6W.
Notice the BAT output current is rapidly reduced to limit
the internal die temperature, then continues to decline as
the circuit board gradually heats up, further reducing the
conduction of heat from the die to the ambient environ-
ment. The fast thermal limiting feature ensures compliance
with CCSA YD/T 1591-2006, Telecommunication Industrial
Standard of the People’s Republic of China — Technical
Requirements and Test Method of Charger and Interface for
Mobile Telecommunication Terminal, Section 4.2.3.1.
1s/div
V
VIN
(2V/div)
V
VIN
,V
BAT
=0V—
I
BAT
(100mA/div)
I
BAT
=0mA—
V
VIN
=8.1V, V
BAT
=3.0V
I
BAT
=700mA (Initially), P
DISSIPATION
=3.6W (Initially)
V
BAT
(2V/div)
Figure 4 — Thermal Limiting Example
Operation Without a Battery
The SC810 can be operated as a 4.2V LDO regulator
without the battery present, for example, factory testing.
If this use is anticipated, the output capacitance C
BAT
should be at least 2.2μF to ensure stability. To operate the
charger without a battery, the ENB pin must be driven low
or grounded.
Capacitor Selection
Low cost, low ESR ceramic capacitors such as the X5R and
X7R dielectric material types are recommended. The BAT
pin capacitor, C
BAT
, range is 1μF to 22μF. The VIN input
capacitors, C
VIN
is typically between 0.1μF and 2.2μF,
however a larger value will not degrade performance.
Capacitance must be evaluated at the expected bias
voltage, rather than the zero-volt capacitance rating.
PCB Layout Considerations
Layout for linear devices is not as critical as for a switching
regulator. However, careful attention to detail will ensure
reliable operation.
Place input and output capacitors close to
the device for optimal transient response
and device behavior.
Connect all ground connections directly
to the ground plane. If there is no ground
plane, connect to a common local ground
point before connecting to board ground
near the GND pin.
Attaching the part to a larger copper
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com