Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2195 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation ATSAM2195 Datasheet HTML 10Page - ATMEL Corporation ATSAM2195 Datasheet HTML 11Page - ATMEL Corporation ATSAM2195 Datasheet HTML 12Page - ATMEL Corporation ATSAM2195 Datasheet HTML 13Page - ATMEL Corporation ATSAM2195 Datasheet HTML 14Page - ATMEL Corporation ATSAM2195 Datasheet HTML 15Page - ATMEL Corporation ATSAM2195 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
6308A–DRMSD–10-May-07
ATSAM2195
Notes:
1. When data is pending on parallel port, the host should read it within 1 ms. If not, the parallel port is deactivated. Reactivating
the port can be done with the following control sequence: 0FFh (Closed port), 03FFh (Open port).
2. For safe operation, write cycle time should not be lower than 3.5 µs.
Chip select low to WR low
tCSLRWRL
5
--ns
WR high to CS high
t
WRHCSH
5
--ns
WR pulse width
t
PWR
50
--ns
Write data setup time
tDWS
10
--ns
Write data hold time
t
DWH
0
--ns
Write cycle
tWRCYC
3.5
µs
Table 6-1.
Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com