Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2195 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM2195 Datasheet HTML 11Page - ATMEL Corporation ATSAM2195 Datasheet HTML 12Page - ATMEL Corporation ATSAM2195 Datasheet HTML 13Page - ATMEL Corporation ATSAM2195 Datasheet HTML 14Page - ATMEL Corporation ATSAM2195 Datasheet HTML 15Page - ATMEL Corporation ATSAM2195 Datasheet HTML 16Page - ATMEL Corporation ATSAM2195 Datasheet HTML 17Page - ATMEL Corporation ATSAM2195 Datasheet HTML 18Page - ATMEL Corporation ATSAM2195 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
6308A–DRMSD–10-May-07
ATSAM2195
10. Recommended Board Layout
Like all HCMOS high integration ICs, following simple rules of board layout is mandatory for reli-
able operations:
• GND, VD33, VD18, VA33, VA18 distribution and decoupling
All GND, VD33, VD18, VA33, VA18 pins should be connected. A GND plane is strongly recom-
mended below the ATSAM2195. The board GND, VD33, VD18 distribution should be in grid
form. Recommended decoupling is 0.1 µF at each VD33, VD18, VA33, VA18 pin of the IC with
an additional 1µF-T between pins 30 and 31. Decoupling capacitors should be implemented
close to the IC.
• Crystal
The paths between the crystal and the ATSAM2195 should be short and shielded. The ground
return from the crystal compensation capacitors should be pin 31.
• Analog section
A specific AGND ground plane should be provided, which connects by a single trace to the GND
ground. No digital signals should cross the AGND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com