Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2195 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM2195 Datasheet HTML 1Page - ATMEL Corporation ATSAM2195 Datasheet HTML 2Page - ATMEL Corporation ATSAM2195 Datasheet HTML 3Page - ATMEL Corporation ATSAM2195 Datasheet HTML 4Page - ATMEL Corporation ATSAM2195 Datasheet HTML 5Page - ATMEL Corporation ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
6308A–DRMSD–10-May-07
ATSAM2195
Table 2-5.
Miscellaneous group
Pin Name
Pin #
Type
Function
X1-X2
29, 28
-
9.6 MHz crystal connection. An external 9.6 MHz clock can also be used on X1
(1.95Vpp max through 47 pF capacitor). X2 cannot be used to drive external
circuits.
RESET
9IN
Reset input, active low. This is a Schmitt trigger input, allowing direct connection
to an RC network
OUTVC18
35
PWR
3.3V to 1.8 V regulator output. When 3.3V single supply application this pin can
be used to power VD18 pins, and VA18 pin through a serial inductor filter (better
result) or a 10 ohm resistor.
Decoupling capacitors 470 pF in parallel with 2.2 or 4.7 µF must be connected
between OUTVC18 and GND.
PWROUT
39
PWR
Power switch output. When 1.8V single supply application this pin can be used to
power VD18 pins, and VA18 pin through a serial inductor filter (better result) or a
10 ohm resistor.
PDWN
37
IN
Power down, active low. When power down is active, all digital outputs are set to
logic level 0, D0-D7 bus is set in high Z, analog outputs decrease to 0V, the PLL
and crystal oscillator are stopped.
3.3V single supply application: If the built-in regulator is used then 1.8V supply is
removed from the core. To exit from power down, PDWN must be set to VD33,
then RESET applied. When unused this pin must be connected to VD33.
1.8V single supply application: If the built-in power switch is used then 1.8V
supply is removed from the core. To exit from power down, PDWN must be set to
VD18, then RESET applied. When unused this pin must be connected to VD18
TEST0-TEST1-
TEST2
36, 27, 32
IN
Test pins. Should be grounded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com