Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2195 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM2195 Datasheet HTML 1Page - ATMEL Corporation ATSAM2195 Datasheet HTML 2Page - ATMEL Corporation ATSAM2195 Datasheet HTML 3Page - ATMEL Corporation ATSAM2195 Datasheet HTML 4Page - ATMEL Corporation ATSAM2195 Datasheet HTML 5Page - ATMEL Corporation ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
6308A–DRMSD–10-May-07
ATSAM2195
2.2
Pinout By Pin Number - 44-lead QFN Package
Table 2-6.
Pinout
Pin#
Pin Name
Pin#
Pin Name
Pin#
Pin Name
Pin#
Pin Name
1AOUTL
12
CS
23
D5
34
REGIN
2VA18
13
RD
24
D6
35
OUTVC18
3VBG
14
WR
25
D7
36
TEST0
4
VA33
15
D0
26
IRQ
37
PDWN
5
AOUTR
16
D1
27
TEST1
38
PWRIN
6OUTLEV
17
D2
28
X2
39
PWROUT
7
DITH0
18
D3
29
X1
40
VCM
8
DITH1
19
VD18
30
VD18
41
VREF
9
RESET
20
GND
31
GND
42
AGNDREF
10
MIDI IN
21
VD33
32
TEST2
43
AGND
11
A0
22
D4
33
GND
44
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com