Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2195 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM2195 Datasheet HTML 1Page - ATMEL Corporation ATSAM2195 Datasheet HTML 2Page - ATMEL Corporation ATSAM2195 Datasheet HTML 3Page - ATMEL Corporation ATSAM2195 Datasheet HTML 4Page - ATMEL Corporation ATSAM2195 Datasheet HTML 5Page - ATMEL Corporation ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
6308A–DRMSD–10-May-07
ATSAM2195
2.
Pin Description
2.1
Pins By Function – 44-lead QFN Package
Table 2-1.
Power Supply Group
Pin Name
Pin #
Type
Function
GND
20, 31, 33
PWR
DIGITAL GROUND
All pins should be connected to a ground plane
GND
exposed die pad
PWR
DIGITAL GROUND
Ground supply; down bonded to the exposed die pad (heatsink). It is
recommended, but not obligatory, to connect this pad to a ground plane during
PCB layout
VD33
21
PWR
I/O POWER SUPPLY
This pin should be connected to a nominal 3.3V power for 3.3V single supply
applications.
This pin should be connected to a nominal 1.8V power for 1.8V single supply
applications
VD18
19, 30
PWR
CORE POWER SUPPLY
These pins should be connected to nominal 1.8V.
3.3V single supply application: If the built-in regulator is used, then these pins
should be connected to the output of the regulator OUTVC18 (pin 35).
1.8V single supply application: If the built-in power switch is used for minimum
power down consumption, then all these pins should be connected to the output
of the power switch PWROUT (pin 39).
AGND
43, 44
PWR
ANALOG GROUND
These pins should be connected to an analog ground plane
VA33
4
PWR
DAC PERIPHERY ANALOG SUPPLY
3.3V single supply application: This pin should be connected to a nominal 3.3V
power through a serial inductor filter (better result) or a 10 ohm resistor.
1.8V single supply application: This pin should be connected to a nominal 1.8V
power through a serial inductor filter (better result) or a 10 ohm resistor.
VA18
2
PWR
DAC 1.8V ANALOG SUPPLY
This pin should be connected to a clean 1.8V.
3.3V single supply application: If the built-in regulator is used, then this pin should
be connected to the output of the regulator OUTVC18 (pin 35) through a serial
inductor filter (better result) or a 10 ohm resistor.
1.8V single supply application: If the built-in power switch is used, then this pin
should be connected to the output of the power switch PWROUT (pin 39) through
a serial inductor filter (better result) or a 10 ohm resistor.
REGIN
34
PWR
Regulator input
This pin should be connected to a nominal 3.3V power for 3.3V single supply
applications.
This pin should be grounded for 1.8V single supply applications
PWRIN
38
PWR
Power switch input.
This pin should be left not connected for 3.3V single supply applications.
This pin should connected to a 1.8V nominal power for 1.8V single supply
applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com