Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM2195 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation ATSAM2195 Datasheet HTML 10Page - ATMEL Corporation ATSAM2195 Datasheet HTML 11Page - ATMEL Corporation ATSAM2195 Datasheet HTML 12Page - ATMEL Corporation ATSAM2195 Datasheet HTML 13Page - ATMEL Corporation ATSAM2195 Datasheet HTML 14Page - ATMEL Corporation ATSAM2195 Datasheet HTML 15Page - ATMEL Corporation ATSAM2195 Datasheet HTML 16Page - ATMEL Corporation ATSAM2195 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
6308A–DRMSD–10-May-07
ATSAM2195
7.
Reset and Power Down
During power-up, the RESET input should be held low until the crystal oscillator and PLL are
stabilized, which can take about 20 ms. A typical RC/diode power-up network can be used.
After RESET, the ATSAM2195 enters an initialization routine. It takes around 50 ms before a
MIDI IN or MPU message can be processed.
Audio begins after 500 ms, maximum.
To enter power-down, Reset should be held low 500 ms min and then PDWN asserted low.
In Power-down mode, the crystal oscillator and PLL are stopped. The chip enters a deep power
down sleep mode.
To exit power down, PDWN has to be asserted high, then RESET applied.
7.1
3.3V Single Supply Application
Power down mode is managed by the internal regulator. The equivalent schematic and standard
connection is shown on the diagram below.
ATSAM2195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com