Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAS Datasheet(PDF) 8 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH08T240FAS Datasheet HTML 4Page - Texas Instruments PTH08T240FAS Datasheet HTML 5Page - Texas Instruments PTH08T240FAS Datasheet HTML 6Page - Texas Instruments PTH08T240FAS Datasheet HTML 7Page - Texas Instruments PTH08T240FAS Datasheet HTML 8Page - Texas Instruments PTH08T240FAS Datasheet HTML 9Page - Texas Instruments PTH08T240FAS Datasheet HTML 10Page - Texas Instruments PTH08T240FAS Datasheet HTML 11Page - Texas Instruments PTH08T240FAS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TYPICAL CHARACTERISTICS(1)(2)(3)
CHARACTERISTIC DATA (VI = 12 V)
0
2
4
6
8
10
0
0.5
1.0
2.0
1.5
3.0
1.1 V
2.0 V
0.9 V
I
O - Output Current - A
2.0
1.1
0.9
V
O(V)
V
I = 12 V
2.5
0
0
2
4
6
8
10
2
6
4
12
8
10
2.0
1.1
0.9
V
O(V)
1.1 V
0.9 V
2.0 V
V
I = 12 V
I
O - Output Current - A
16
14
0
2
4
6
8
10
I
O - Output Current - A
1.1 V
0.9 V
2.0 V
V
I = 12 V
2.0
1.1
0.9
V
O(V)
50
70
65
75
80
85
95
90
100
60
55
0
2
4
6
8
10
20
40
30
50
70
60
90
80
Natural
Convection
V
I = 12 V
All V
O
I
O - Output Current - A
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10. See Note 2 below
Figure 11.
SAFE OPERATING AREA
Figure 12.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to , Figure 9, Figure 11 and Figure 10.
(2)
Output ripple may increase up to 2x when operating at input voltages greater than (VO x 11). See the Smart Sync section of the
datasheet for input voltage and frequency limitations.
(3)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
For surface mount packages (AS and AZ suffix), multiple vias must be utilized. Please refer to the mechanical specification for more
information. Applies to Figure 12.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com