Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAS Datasheet(PDF) 2 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T240FAS Datasheet HTML 1Page - Texas Instruments PTH08T240FAS Datasheet HTML 2Page - Texas Instruments PTH08T240FAS Datasheet HTML 3Page - Texas Instruments PTH08T240FAS Datasheet HTML 4Page - Texas Instruments PTH08T240FAS Datasheet HTML 5Page - Texas Instruments PTH08T240FAS Datasheet HTML 6Page - Texas Instruments PTH08T240FAS Datasheet HTML 7Page - Texas Instruments PTH08T240FAS Datasheet HTML 8Page - Texas Instruments PTH08T240FAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
PTH08T240F
2
V
I
5
9
+
C
I
220 mF
(Required)
8
R
SET
[A]
1%
0.05 W
(Required)
Track
GND
V
OAdj
TT
4
3
GND
GND
RTT
1%
0.05W
(Required)
TurboTrans
+Sense
6
L
O
A
D
-Sense
GND
+
11
R
UVLO
1%
0.05 W
(Optional)
Inhibit
INH/UVLO
Track
10
7
-Sense
+Sense
V
O
C
O
1000 mF
(Required)
SYNC
1
SmartSync
C
I
2
22 mF
(Recommended)
V
O
V
I
UDG-07125
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com