Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAS Datasheet(PDF) 28 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 28 Page - Texas Instruments

Back Button PTH08T240FAS Datasheet HTML 24Page - Texas Instruments PTH08T240FAS Datasheet HTML 25Page - Texas Instruments PTH08T240FAS Datasheet HTML 26Page - Texas Instruments PTH08T240FAS Datasheet HTML 27Page - Texas Instruments PTH08T240FAS Datasheet HTML 28Page - Texas Instruments PTH08T240FAS Datasheet HTML 29Page - Texas Instruments PTH08T240FAS Datasheet HTML 30Page - Texas Instruments PTH08T240FAS Datasheet HTML 31Page - Texas Instruments PTH08T240FAS Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
C
O1
V
O1
3.3 V
UDG-07133
+Sense
V
O
-Sense
R
SET1
1.62 kW
U1
PTH08T240W
SmartSync
V
I
AutoTrack
TurboTrans
C
I
1
+
R
TT1
C
I
2
GND
+
+
RESET
GND
5
6
4
SENSE
7
RESIN
2
REF
1
8
V
CC
CT
3
RESET
U3
TL7712A
C
REF
0.1 mF
C
T
2.2 mF
R
RESET
10 kW
C
O2
V
O2
1.8 V
+Sense
V
O
-Sense
U2
PTH08T240F
V
I
AutoTrack
TurboTrans
R
TT2
GND
+
V
I
12 V
V
OAdj
GND
R
SET2
4.75 kW
GND
V
OAdj
Inhibit/UVLO
Inhibit/UVLO
t − Time − 20ms/div
VTRK (1V/div)
VO1(1V/div)
VO2(1V/div)
t − Time − 400 s/div
m
VTRK (1V/div)
VO1(1V/div)
VO2(1V/div)
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
Figure 31. Sequenced Power Up and Power Down Using Auto-Track
Figure 32. Simultaneous Power Up
Figure 33. Simultaneous Power Down
With Auto-Track Control
With Auto-Track Control
28
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com