Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAS Datasheet(PDF) 21 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH08T240FAS Datasheet HTML 17Page - Texas Instruments PTH08T240FAS Datasheet HTML 18Page - Texas Instruments PTH08T240FAS Datasheet HTML 19Page - Texas Instruments PTH08T240FAS Datasheet HTML 20Page - Texas Instruments PTH08T240FAS Datasheet HTML 21Page - Texas Instruments PTH08T240FAS Datasheet HTML 22Page - Texas Instruments PTH08T240FAS Datasheet HTML 23Page - Texas Instruments PTH08T240FAS Datasheet HTML 24Page - Texas Instruments PTH08T240FAS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
UNDERVOLTAGE LOCKOUT (UVLO)
R
UVLO +
9690 * 137
V
I
137
V
I * 585
(kW)
(6)
V
I
Inhibit/
UVLO Prog
PTH08T240F
11
2
3
R
UVLO
C
I
4
GND
+
GND
V
I
UDG-07127
PTH08T240F
www.ti.com........................................................................................................................................ SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008
The PTH08T240F power modules incorporate an input undervoltage lockout (UVLO). The UVLO feature
prevents the operation of the module until there is sufficient input voltage to produce a valid output voltage. This
enables the module to provide a clean, monotonic powerup for the load circuit, and also limits the magnitude of
current drawn from the regulator’s input source during the power-up sequence.
The UVLO characteristic is defined by the ON threshold (VTHD) voltage. Below the ON threshold, the Inhibit
control is overridden, and the module does not produce an output. The hysteresis voltage, which is the difference
between the ON and OFF threshold voltages, is set at 500 mV. The hysteresis prevents start-up oscillations,
which can occur if the input voltage droops slightly when the module begins drawing current from the input
source.
The UVLO feature of the PTH08T240F module allows for limited adjustment of the ON threshold voltage. The
adjustment is made via the Inhbit/UVLO Prog control pin (pin 11) using a single resistor (see Figure 24). When
pin 11 is left open circuit, the ON threshold voltage is internally set to its default value, which is 4.3 V. The ON
threshold might need to be raised if the module is powered from a tightly regulated 12-V bus. Adjusting the
threshold prevents the module from operating if the input bus fails to completely rise to its specified regulation
voltage.
Equation 6 determines the value of RUVLO required to adjust VTHD to a new value. The default value is 4.3 V, and
it may only be adjusted to a higher value.
Table 8 shows a chart of standard resistor values for RUVLO for different options of the on-threshold (VTHD)
voltage.
Table 8. Standard RUVLO values for Various VTHD values
VTHD (V)
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
RUVLO (kΩ)
88.7
52.3
37.4
28.7
23.2
19.6
16.9
14.7
Figure 24. Undervoltage Lockout Adjustment Resistor Placement
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com