Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAS Datasheet(PDF) 14 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH08T240FAS Datasheet HTML 10Page - Texas Instruments PTH08T240FAS Datasheet HTML 11Page - Texas Instruments PTH08T240FAS Datasheet HTML 12Page - Texas Instruments PTH08T240FAS Datasheet HTML 13Page - Texas Instruments PTH08T240FAS Datasheet HTML 14Page - Texas Instruments PTH08T240FAS Datasheet HTML 15Page - Texas Instruments PTH08T240FAS Datasheet HTML 16Page - Texas Instruments PTH08T240FAS Datasheet HTML 17Page - Texas Instruments PTH08T240FAS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus
Max
Ripple
Capacitor Vendor,
Working
ESR
Value
Current
Physical
Input
Type Series (Style)
Voltage
at 100
Vendor Part No.
TurboTrans
(µF)
at 85°C
Size (mm)
Bus
(V)
kHz
Cap Type(2)
(Irms)
(m
Ω)
(mA)
Kemet, Poly-Tantalum
T520 (SMD)
10
330
25
2600
7,3×4,3×4,1
≥1(8)
C
≥ 3(9)
T520X337M010ASE025 (VI ≤ 8V)
T530 (SMD)
6.3
330
15
3800
7,3×4,3×4,1
N/R(10)
B
≥ 3(9)
T530X337M006ASE015
T530 (SMD)
4
680
5
7300
7,3×4,3×4,1
N/R(10)
B
≥ 2(9)
T530X687M004ASE005
T530 (SMD)
2.5
1000
5
7300
7,3 × 4,3
N/R(10)
B
≥ 1(9)
T530X108M2R5ASE005
Vishay-Sprague
597D, Tantalum (SMD)
16
220
40
2300
7,2×5,7×4,1
≥1(8)
C
≥ 5(11)(9)
597D227X16E2T
94SP, OS-CON (Radial)
16
270
18
4400
10 × 10,5
≥1(8)
B
≥ 4(9)
94SP277X0016FBP
94SVP OS-CON(SMD)
16
330
17
4500
10 × 12,7
≥1(8)
B
≥ 3(9)
94SVP337X016F12
Kemet, Ceramic X5R (SMD)
16
10
2
–
3225
≥2(8)
N/R
C1210C106M4PAC
Murata, Ceramic X5R
25
22
2
–
3225
≥1(8)
N/R
GRM32ER61E226K
(SMD)
16
10
≥2(8)
N/R
GRM32DR61C106K
TDK, Ceramic X5R
16
10
2
–
3225
≥2(8)
N/R
C3225X5R1C106MT0
(SMD)
16
22
≥1(8)
N/R
C3225X5R1C226MT
(8)
In addition to the required input electrolytic capacitance,
≥ 22
µF of ceramic capacitance is recommended to reduce the high-frequency
reflected ripple current.
(9)
Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
a. Type B = (1,000 < capacitance × ESR
≤ 5,000)
b. Type C = (5,000 < capacitance × ESR
≤ 10,000)
(10) N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(11) Total bulk nonceramic capacitors on the output bus with ESR of
≥ 15mΩ to ≤ 30mΩ requires an additional ≥ 200
µF of ceramic
capacitance.
14
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com