Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08T240FAS Datasheet(PDF) 20 Page - Texas Instruments

Part # PTH08T240FAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240FAS Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH08T240FAS Datasheet HTML 16Page - Texas Instruments PTH08T240FAS Datasheet HTML 17Page - Texas Instruments PTH08T240FAS Datasheet HTML 18Page - Texas Instruments PTH08T240FAS Datasheet HTML 19Page - Texas Instruments PTH08T240FAS Datasheet HTML 20Page - Texas Instruments PTH08T240FAS Datasheet HTML 21Page - Texas Instruments PTH08T240FAS Datasheet HTML 22Page - Texas Instruments PTH08T240FAS Datasheet HTML 23Page - Texas Instruments PTH08T240FAS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Application Diagram and Waveforms
PTH08T240F
2
V
I
5
9
+
C
I
220 mF
8
R
SET
1%
0.05 W
Track
GND
V
OAdj
TT
4
3
GND
GND
R
TT
24.3 kW
TurboTrans
+Sense
6
L
O
A
D
-Sense
+
11 INH/UVLO
10
7
-Sense
+Sense
V
O
C
O
2000 mF
Type B
22 mF
V
O
V
I
UDG-07126
1
SmartSync
WithoutTurboTrans
50mV/div
WithTurboTrans
50mV/div
2.5 A/ s
50%LoadStep
m
PTH08T240F
SLTS277C – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
Figure 22. Typical TMS320TCI6488 Application
Figure 23. Typical TurboTrans Waveforms (5-V Input)
20
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T240F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com