Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1016M Datasheet(PDF) 1 Page - Linear Technology

Part # RH1016M
Description  UltraFast Precision 10ns Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1016M Datasheet(HTML) 1 Page - Linear Technology

  RH1016M Datasheet HTML 1Page - Linear Technology RH1016M Datasheet HTML 2Page - Linear Technology RH1016M Datasheet HTML 3Page - Linear Technology RH1016M Datasheet HTML 4Page - Linear Technology RH1016M Datasheet HTML 5Page - Linear Technology RH1016M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RH1016M
1
rh1016fa
BURN-IN CIRCUIT
DESCRIPTION
UltraFast Precision
10ns Comparator
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
UltraFast is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Positive Supply Voltage (Note 5).................................7V
Negative Supply Voltage ...........................................–7V
Differential Input Voltage (Note 7).............................±5V
+IN, –IN and LATCH ENABLE Current (Note 7) ....±10mA
Output Current (Continuous) (Note 7) .................±20mA
Operating Temperature Range................ –55°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
PACKAGE INFORMATION
The RH1016 is an UltraFastTM 10ns comparator that inter-
faces directly to TTL/CMOS logic while operating from
either ±5V or single 5V supplies. Tight offset voltage
specifications and high gain allow the RH1016 to be used
in precision applications. Matched complementary outputs
further extend the versatility of this comparator.
A unique output stage provides active drive in both direc-
tions for maximum speed into TTL/CMOS logic or passive
loads, yet does not exhibit the large current spikes found
in conventional output stages. This allows the RH1016 to
remain stable with the outputs in the active region which
greatly reduces the problem of output “glitching” when
the input signal is slow moving or is low level.
The RH1016 has a LATCH pin which will retain input data
at the outputs, when held high. Quiescent negative power
supply current is only 3mA. This allows the negative supply
pin to be driven from virtually any supply voltage with a
simple resistive divider. Device performance is not affected
by variations in negative supply voltage.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
5.11k
F1
F2
V4 MONITOR
V3 MONITOR
GND MONITOR
NOTES:
1. UNLESS OTHERWISE SPECIFIED, COMPONENT TOLERANCES
SHALL BE PER MILITARY SPECIFICATION.
2. TJ = 161°C MAXIMUM
3. TC = 139°C MINIMUM
4. TA = 100°C MINIMUM
BURN-IN VOLTAGES: V4 = 5.5V TO 6V
V3 = –5.5V TO –6V
GND POWER
V4
V3
1k
5.11k
T.P.
20Ω
20Ω
RH1016 BURN-IN
1
2
3
4
5
10
9
8
7
6
T.P.
T.P.
T.P.
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
Q OUT
NC
LATCH ENABLE
GND
Q OUT
V+
NC
V–
–IN
+IN


Similar Part No. - RH1016M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1016M LINER-RH1016M Datasheet
139Kb / 2P
UltraFast??Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
UltraFast Precision 10ns Comparator
More results

Similar Description - RH1016M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
PRECISION VOLTAGE COMPARATOR
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
Fast, Precision Comparator
03/02-Data Sheet changed from REV. B to REV. C.
logo
Linear Technology
LT1016 LINER-LT1016_03 Datasheet
1Mb / 20P
UltraFast Precision 10ns Comparator
RH1016 LINER-RH1016 Datasheet
139Kb / 2P
UltraFast??Precision 10ns Comparator
logo
Analog Devices
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
Fast, Precision Comparator
REV. D
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
Fast, Precision Comparator
Rev. E
logo
Linear Technology
LT1016 LINER-LT1016_15 Datasheet
395Kb / 20P
UltraFast Precision 10ns Comparator
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
UltraFast Precision 10ns Comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com