Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1016M Datasheet(PDF) 3 Page - Linear Technology

Part # RH1016M
Description  UltraFast Precision 10ns Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1016M Datasheet(HTML) 3 Page - Linear Technology

  RH1016M Datasheet HTML 1Page - Linear Technology RH1016M Datasheet HTML 2Page - Linear Technology RH1016M Datasheet HTML 3Page - Linear Technology RH1016M Datasheet HTML 4Page - Linear Technology RH1016M Datasheet HTML 5Page - Linear Technology RH1016M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RH1016M
3
rh1016fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input offset voltage is defined as the average of the two voltages
measured by forcing first one output, then the other to 1.4V. Input offset
current is defined in the same way.
Note 3: Input bias current (IB) is defined as the average of the two input
currents.
Note 4: tPD and ΔtPD cannot be measured in automatic handling
equipment with low values of overdrive. The RH1016 is sample tested with
a 1V step and 500mV overdrive. Correlation tests have shown that tPD and
TABLE 1A: ELECTRICAL CHARACTERISTICS
(Postirradiation) TA = 25°C, V+ = 5V, V– = –5V, VOUT(Q) = 1.4V, VLATCH = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
VOS
Input Offset Voltage
RS ≤ 100Ω
2
±4
±4.5
±5
±5.5
±6
mV
IOS
Input Offset Current
2
2
2.5
5
8
12
μA
IB
Input Bias Current
3
12
12
14
17
20
μA
Input Voltage Range
Single 5V Supply
6
6
–3.75
1.25
3.5
3.5
–3.75
1.25
3.5
3.5
–3.75
1.25
3.5
3.5
–3.75
1.25
3.5
3.5
–3.75
1.25
3.5
3.5
V
V
CMRR
Common Mode
Rejection Ratio
–3.75V ≤ VCM ≤ 3.5V
80
77
74
70
65
dB
PSRR
Supply Voltage Rejection Positive Supply
4.6V ≤ V+ ≤ 5.4V
60
58
56
53
50
dB
Negative Supply
–7V ≤ V– ≤ –2V
78
76
74
72
70
dB
AV
Small-Signal Voltage
Gain
1V ≤ VOUT ≤ 2V
1300
1200
1100
1000
900
V/V
VOH
Output High Voltage
V+ ≥ 4.6V, IOUT = 1mA
2.65
2.65
2.64
2.63
2.60
V
IOUT = 10mA
2.40
2.40
2.39
2.38
2.35
V
VOL
Output Low Voltage
ISINK = 4mA
0.55
0.55
0.56
0.57
0.6
V
I+
Positive Supply Current
35
35
35
35
35
mA
I–
Negative Supply Current
5
5
5
5
5
mA
IIL
LATCH Pin Current
VLATCH = 0V
525
575
650
725
800
μA
tPD
Propagation Delay
ΔVIN = 100mV, OD = 5mV
416
16
16
16
16
ns
ΔVIN = 100mV, OD = 20mV
414
14
14
14
14
ns
10KRAD(Si) 20KRAD(Si) 50KRAD(Si) 100KRAD(Si) 200KRAD(Si)
ΔtPD limits shown can be guaranteed with this test if additional DC tests
are performed to guarantee that all internal bias conditions are correct. For
low overdrive conditions, VOS is added to overdrive.
Note 5: Electrical specifications apply only up to 5.4V.
Note 6: Input voltage range is guaranteed in part by CMRR testing and
in part by design and characterization. See the LT1016 data sheet for
discussion of input voltage range for supplies other than ±5V or 5V.
Note 7: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com