Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1016M Datasheet(PDF) 4 Page - Linear Technology

Part # RH1016M
Description  UltraFast Precision 10ns Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1016M Datasheet(HTML) 4 Page - Linear Technology

  RH1016M Datasheet HTML 1Page - Linear Technology RH1016M Datasheet HTML 2Page - Linear Technology RH1016M Datasheet HTML 3Page - Linear Technology RH1016M Datasheet HTML 4Page - Linear Technology RH1016M Datasheet HTML 5Page - Linear Technology RH1016M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RH1016M
4
rh1016fa
TABLE 2: ELECTRICAL TEST REQUIREMENTS
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4,5
Group A Test Requirements (Method 5005)
1*,2,3,4,5
Group B and D for Class S,
End Point Electrical Parameters (Method 5005)
1,2,3
*PDA applies to subgroup 1. See PDA Test Notes.
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883. The verified failures of group A, subgroup 1, after
burn-in divided by the total number of devices submitted for burn-in in that
lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TOTAL DOSE BIAS CIRCUIT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
+IN
–IN
V–
NC
Q
Q
GND
EN
NC
RH1016
W10 TO FP14
R1
5.11k
V+
5V
V–
–5V
RH1016 BIAS
C1
0.01μF
R3
5.11k
R2
1k
C2
0.01μF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com