Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1016M Datasheet(PDF) 2 Page - Linear Technology

Part # RH1016M
Description  UltraFast Precision 10ns Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1016M Datasheet(HTML) 2 Page - Linear Technology

  RH1016M Datasheet HTML 1Page - Linear Technology RH1016M Datasheet HTML 2Page - Linear Technology RH1016M Datasheet HTML 3Page - Linear Technology RH1016M Datasheet HTML 4Page - Linear Technology RH1016M Datasheet HTML 5Page - Linear Technology RH1016M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RH1016M
2
rh1016fa
TABLE 1: ELECTRICAL CHARACTERISTICS
(Preirradiation) V+ = 5V, V– = –5V, VOUT(Q) = 1.4V, VLATCH = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
SUB-
GROUP
MIN
TYP
MAX
SUB-
GROUP
UNITS
VOS
Input Offset Voltage
RS ≤ 100Ω
2
1
±3
1
±4
2, 3
mV
ΔVOS
ΔT
Input Offset Voltage
Drift
4μV/°C
IOS
Input Offset Current
2
0.3
1
1
1.3
2, 3
μA
IB
Input Bias Current
3
5
10
1
13
2, 3
μA
Input Voltage Range
Single 5V Supply
6
6
–3.75
1.25
3.5
3.5
V
V
CMRR
Common Mode
Rejection
–3.75V ≤ VCM ≤ 3.5V
1
80
90
2, 3
dB
PSRR
Supply Voltage
Rejection
Positive Supply 4.6V ≤ V+ ≤ 5.4V
60
75
1
54
2, 3
dB
Negative Supply –7V ≤ V– ≤ –2V
80
100
1
80
2, 3
dB
AV
Small-Signal Voltage
Gain
1V ≤ VOUT ≤ 2V
1400
3000
4
V/V
VOH
Output High Voltage
V+ ≥ 4.6V, IOUT = 1mA
1
2.65
3.2
2, 3
V
IOUT = 10mA
1
2.40
3
2, 3
V
VOL
Output Low Voltage
ISINK = 4mA
1
0.3
0.55
2, 3
V
I+
Positive Supply
Current
1
25
35
2, 3
mA
I–
Negative Supply
Current
13
5
2,3
mA
VIH
LATCH Pin High Input
Voltage
2V
VIL
LATCH Pin Low Input
Voltage
0.8
V
IIL
LATCH Pin Current
VLATCH = 0V
1
500
2, 3
μA
tPD
Propagation Delay
ΔVIN = 100mV, OD = 5mV
4
10
14
4
16
5
ns
ΔVIN = 100mV, OD = 20mV
49
12
4
15
5
ns
TA = 25°C
–55°C ≤ TA ≤ 125°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com