Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1016M Datasheet(PDF) 6 Page - Linear Technology

Part # RH1016M
Description  UltraFast Precision 10ns Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1016M Datasheet(HTML) 6 Page - Linear Technology

  RH1016M Datasheet HTML 1Page - Linear Technology RH1016M Datasheet HTML 2Page - Linear Technology RH1016M Datasheet HTML 3Page - Linear Technology RH1016M Datasheet HTML 4Page - Linear Technology RH1016M Datasheet HTML 5Page - Linear Technology RH1016M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RH1016M
6
rh1016fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0508 REV A • PRINTED IN USA
I.D. No. 66-10-1016
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Voltage Gain
Positive Power Supply
Rejection Ratio
TOTAL DOSE KRAD (Si)
1
500
2000
2500
3000
10
100
1000
RH1016 G10
1500
1000
VS = ±5V
1V ≤ VOUT ≤ 2V
TOTAL DOSE KRAD (Si)
1
70
80
90
10
100
1000
RH1016 G11
60
65
75
85
55
50
V– = –5V
4.6V ≤ V+ ≤ 5.4V
Negative Power Supply
Rejection Ratio
TOTAL DOSE KRAD (Si)
1
100
110
120
10
100
1000
90
95
105
115
85
80
V+ = 5V
–7V ≤ V– ≤ –2V
RH1016 G12
Input Offset Voltage
TOTAL DOSE KRAD (Si)
1
–1.0
0
1.0
10
100
1000
RH1016 G09
–2.0
–3.0
3.0
2.0
–1.5
–0.5
0.5
–2.5
2.5
1.5
VS = ±5V
RS ≤ 100Ω
LATCH Pin Current
TOTAL DOSE KRAD (Si)
1
–300
–250
–200
–150
–100
10
100
1000
RH1016 G13
–350
–400
–450
–500
–50
0
VS = ±5V
VLATCH = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com