Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1016M Datasheet(PDF) 5 Page - Linear Technology

Part # RH1016M
Description  UltraFast Precision 10ns Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1016M Datasheet(HTML) 5 Page - Linear Technology

  RH1016M Datasheet HTML 1Page - Linear Technology RH1016M Datasheet HTML 2Page - Linear Technology RH1016M Datasheet HTML 3Page - Linear Technology RH1016M Datasheet HTML 4Page - Linear Technology RH1016M Datasheet HTML 5Page - Linear Technology RH1016M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RH1016M
5
rh1016fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL PERFORMANCE CHARACTERISTICS
Positive Supply Current
Negative Supply Current
TOTAL DOSE KRAD (Si)
1
22
30
32
34
10
100
1000
RH1016 G01
28
26
24
VS = ±5V
TOTAL DOSE KRAD (Si)
1
–3.0
–2.0
–1.0
10
100
1000
RH1016 G02
–4.0
–3.5
–2.5
–1.5
–4.5
–5.0
VS = ±5V
TOTAL DOSE KRAD (Si)
1
3.1
3.3
3.5
10
100
1000
2.9
3.0
3.2
3.4
2.8
2.7
VS = ±5V
IOUT = 1mA
RH1016 G03
Output High Voltage
Output High Voltage
Output Low Voltage
Common Mode Rejection Ratio
TOTAL DOSE KRAD (Si)
1
2.8
3.0
3.3
3.2
10
100
1000
2.6
2.7
2.9
3.1
2.5
2.4
VS = ±5V
IOUT = 10mA
RH1016 G04
TOTAL DOSE KRAD (Si)
1
0.30
0.40
0.50
10
100
1000
0.20
0.25
0.35
0.45
0.15
0.10
VS = ±5V
IOUT = 4mA
RH1016 G05
TOTAL DOSE KRAD (Si)
1
100
110
120
10
100
1000
90
95
105
115
85
80
VS = ±5V
–3.75V ≤ VCM ≤ 3.5V
RH1016 G06
Input Bias Current
Input Offset Current
TOTAL DOSE KRAD (Si)
1
4
5
6
7
8
10
100
1000
RH1016 G07
3
2
1
0
9
10
VS = ±5V
TOTAL DOSE KRAD (Si)
1
4
5
6
7
8
10
100
1000
RH1016 G07
3
2
1
0
9
10
VS = ±5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com