Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3724MPFE Datasheet(PDF) 7 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 7 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 3Page - Linear Technology 3724MPFE Datasheet HTML 4Page - Linear Technology 3724MPFE Datasheet HTML 5Page - Linear Technology 3724MPFE Datasheet HTML 6Page - Linear Technology 3724MPFE Datasheet HTML 7Page - Linear Technology 3724MPFE Datasheet HTML 8Page - Linear Technology 3724MPFE Datasheet HTML 9Page - Linear Technology 3724MPFE Datasheet HTML 10Page - Linear Technology 3724MPFE Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3724
7
3724fc
PIN FUNCTIONS
VCC (Pin 12): The VCC pin is the internal bias supply decou-
pling node. Use low ESR 1μF ceramic capacitor to decouple
this node to PGND. Most internal IC functions are powered
from this bias supply. An external diode connected from
VCC to the BOOST pin charges the bootstrapped capacitor
during the off-time of the main power switch. Back driving
the VCC pin from an external DC voltage source, such as
the VOUT output of the buck regulator supply, increases
overall efficiency and reduces power dissipation in the
IC. In shutdown mode this pin sinks 20μA until the pin
voltage is discharged to 0V.
NC (Pin 13): No Connection.
SW (Pin 14): In step-down applications the SW pin is
connected to the cathode of an external clamping Schottky
diode, the drain of the power MOSFET and the inductor.
The SW node voltage swing is from VIN during the on-
time of the power MOSFET, to a Schottky voltage drop
below ground during the off-time of the power MOSFET.
In start-up and in operating modes where there is insuf-
ficient inductor current to freewheel the Schottky diode, an
internal switch is turned on to pull the SW pin to ground
so that the BOOST pin capacitor can be charged. Give
careful consideration in choosing the Schottky diode to
limit the negative voltage swing on the SW pin.
TG (Pin 15): The TG pin is the bootstrapped gate drive
for the top N-Channel MOSFET. Since very fast high cur-
rents are driven from this pin, connect it to the gate of
the power MOSFET with a short and wide, typically 0.02”
width, PCB trace to minimize inductance.
BOOST (Pin 16): The BOOST pin is the supply for the
bootstrapped gate drive and is externally connected to a
low ESR ceramic boost capacitor referenced to SW pin.
The recommended value of the BOOST capacitor,CBOOST,
is 50 times greater that the total input capacitance of the
topside MOSFET. In most applications 0.1μF is adequate.
The maximum voltage that this pin sees is VIN + VCC,
ground referred.
Exposed Pad (SGND) (Pin 17): The exposed leadframe is
internally connected to the SGND pin. Solder the exposed
pad to the PCB ground for electrical contact and optimal
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com