Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3724MPFE Datasheet(PDF) 22 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 22 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 16Page - Linear Technology 3724MPFE Datasheet HTML 17Page - Linear Technology 3724MPFE Datasheet HTML 18Page - Linear Technology 3724MPFE Datasheet HTML 19Page - Linear Technology 3724MPFE Datasheet HTML 20Page - Linear Technology 3724MPFE Datasheet HTML 21Page - Linear Technology 3724MPFE Datasheet HTML 22Page - Linear Technology 3724MPFE Datasheet HTML 23Page - Linear Technology 3724MPFE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT3724
22
3724fc
TYPICAL APPLICATIONS
12V Step-Down with VCC Back Driven from VOUT and Ceramic Capacitor in Output Filter
4
R3
49.9k
R7
20Ω
R2
499k
R6
15k
R4
130k
R5
14.7k
VIN
SHDN
CSS
RCSS
200k
BURST_EN
VFB
VC
SGND
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
3724 TA04
LT3724
1
3
5
6
7
8
16
15
14
12
11
10
9
C3
680pF
C2
120pF
C4
1μF
16V
C6
0.1μF
16V
C1
3300pF
CIN
100μF
100V
2.2μF x2
100V
VIN
15V TO 60V
D2B
BAV99
L1
47μH
D1
D2A
BAV99
RSENSE
0.020Ω
VOUT
12V AT 50W
COUT
33μF x3
16V
CIN: TDK, C4532X7R2A225MT
COUT: TDK, C4532X7R1C336MT
D1: DIODESINC., PDS5100H
L1: COEV DU1971-470M
M1: VISHAY Si7852DP
M1
Si7852DP
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com