Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3724MPFE Datasheet(PDF) 8 Page - Linear Technology

Part # 3724MPFE
Description  High Voltage, Current Mode Switching Regulator Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3724MPFE Datasheet(HTML) 8 Page - Linear Technology

Back Button 3724MPFE Datasheet HTML 4Page - Linear Technology 3724MPFE Datasheet HTML 5Page - Linear Technology 3724MPFE Datasheet HTML 6Page - Linear Technology 3724MPFE Datasheet HTML 7Page - Linear Technology 3724MPFE Datasheet HTML 8Page - Linear Technology 3724MPFE Datasheet HTML 9Page - Linear Technology 3724MPFE Datasheet HTML 10Page - Linear Technology 3724MPFE Datasheet HTML 11Page - Linear Technology 3724MPFE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3724
8
3724fc
FUNCTIONAL DIAGRAM
–
+
–
+
VIN
UVLO
(<4V)
BST
UVLO
8V VCC
REGULATOR
FEEDBACK
REFERENCE
1.231V
3.8V
REGULATOR
INTERNAL
SUPPLY RAIL
1
8
7
VIN
VCC
UVLO
(<6V)
SHDN
DRIVE
CONTROL
NOL
SWITCH
LOGIC
DRIVE
CONTROL
BURST_EN
VC
CSS
SENSE–
VFB
1.185V
~1V
0.5V
2μA
BURST MODE
OPERATION
SOFT-START
DISABLE/BURST
ENABLE
R
S
Q
OSCILLATOR
SLOPE COMP
GENERATOR
BOOST
TG
M1
D2
D3
D1
L1
(OPTIONAL)
RSENSE
SW
VCC
PGND
SENSE+
SGND
3724 FD
BOOSTED
SWITCH
DRIVER
CURRENT
SENSE
COMPARATOR
gm
ERROR
AMP
11
12
14
9
10
6
4
CC2
CC1
R1
RA
RB
VIN
CIN
R2
CSS
5
3
16
15
CBOOST
VOUT
COUT
CVCC
–
+
RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com